Electronic Components Datasheet Search
  English  ▼

X  

IL494 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL494
Description  PWM Control Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL494 Datasheet(HTML) 3 Page - Integral Corp.

  IL494 Datasheet HTML 1Page - Integral Corp. IL494 Datasheet HTML 2Page - Integral Corp. IL494 Datasheet HTML 3Page - Integral Corp. IL494 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IL494
3
ELECTRICAL CHARACTERISTICS (Temperature -20
∼ 85°C, V
CC = 15 V, f=10 kHz))
Symbol
Parameter
Test Conditions
Min
Max
Unit
Reference Section
Vref
Output Voltage
IO=1 mA
4.75
5.25
V
Vregin
Output regulation
VCC=7 V to 40 V, TA=25°C
25
mV
Vregout
Input regulation
IO=1 to 10 mA, TA=25°C
15
mV
∆V
ref
Output Voltage change with
temperature
TA= -20°C to 85°C
1%
ISC
Short-circuit output current
(Note 1)
Vref=0
50
mA
Oscillator Section
fOSC
Frequency
CT=0.01 µF, RT=12 kΩ
6
14
KHz
δf
OSC
Standard deviation of
frequency (Note 2)
All values of VCC, CT, RT, TA
Constant
15
%
δf
OSC(
∆V)
Frequency change with
voltage
VCC= 7 V to 40 V,
TA=25°C
10
%
δf
OSC(
∆T)
Frequency change with
temperature
CT=0.01 µF, RT=12 kΩ
TA= -20°C to 85°C
2%
Dead Time Control Section
IIB(2T)
Input bias current (pin 4)
VI= 0 to 5.25 V
-10
µA
DCmax
Maximum duty cycle, each
output
VI(pin 4)=0 V
45
%
VTHD
Input threshold voltage
Zero duty cycle
3.3
V
(pin 4)
Maximum duty cycle
0
Error Amp Section
VIO
Input offset voltage
VO(pin 3)=2.5 V
10
mV
IIO
Input offset current
VO(pin 3)=2.5 V
250
nA
IIB
Input bias current
VO(pin 3)=2.5 V
1
µA
Common-mode input
VCC= 7 V to 40 V
LOW
-0.3
V
voltage range
HIGH
VCC - 2
Avol
Open-loop voltage
amplification
∆V
O=3 V, VO=0.5 to 3.5 V
70
dB
fb
Unity-gain bandwidth
100
kHz
CMRR
Common-mode rejection
ratio
VCC=40 V, TA=25°C
65
dB
IO
Output sink current (pin 3)
VID=-15 mV to -5 V,
VO(pin 3)=0.7 V
0.3
mA
IO+
Output source current (pin 3)
VID=15 mV to 5 V,
VO(pin 3)=3.5 V
-2
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com