Electronic Components Datasheet Search
  English  ▼

X  

IL494N Datasheet(PDF) 4 Page - Integral Corp.

Part # IL494N
Description  PWM Control Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL494N Datasheet(HTML) 4 Page - Integral Corp.

  IL494N Datasheet HTML 1Page - Integral Corp. IL494N Datasheet HTML 2Page - Integral Corp. IL494N Datasheet HTML 3Page - Integral Corp. IL494N Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IL494
4
ELECTRICAL CHARACTERISTICS(Temperature -20
∼ 85°C, V
CC = 15 V, f=10 kHz))
Symbol
Parameter
Test Conditions
Min
Max
Unit
PWM Comparator Section
VTHP
Input threshold voltage
(pin 3)
Zero duty cycle
4.5
V
II
Input sink current (pin 3)
VO(pin 3)=0.7 V
0.3
mA
Switching Characteristics
trc
Output voltage rise time
Common-emitter configuration
200
ns
tfc
Output voltage fall time
Common-emitter configuration
100
ns
trf
Output voltage rise time
Emitter-follower configuration
200
ns
tff
Output voltage fall time
Emitter-follower configuration
100
ns
Output Section
IC(off)
Collector off-state current
VCE=40 V, VCC=40 V
100
µA
IE(off)
Emitter off-state current
VCC=VC=40 V, VE=0
-100
µA
VSAT
Collector-
emitter
Common-
emitter
VE=0, IC=200 mA
1.3
V
saturation
voltage
Emitter-
follower
VC=15 V, IE=-200 mA
2.5
IOCH
Output control input current
VI=Vref
3.5
mA
Total Device
ICC
Standby supply current
All other inputs &
VCC=15 V
10
mA
outputs open
VCC=40 V
15
ICCA
Average supply current
V(pin 4)=2 V
17
mA
Notes: 1. Duration of the short circuit should not exceed one second.
2. Standard deviation is a measure of the statistical disribution about the mean as derived from the formula
N
∑ (x
n - x)
2
n=1
σ =
N - 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com