Electronic Components Datasheet Search
  English  ▼

X  

IRF2805S Datasheet(PDF) 6 Page - International Rectifier

Part # IRF2805S
Description  AUTOMOTIVE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2805S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF2805S Datasheet HTML 2Page - International Rectifier IRF2805S Datasheet HTML 3Page - International Rectifier IRF2805S Datasheet HTML 4Page - International Rectifier IRF2805S Datasheet HTML 5Page - International Rectifier IRF2805S Datasheet HTML 6Page - International Rectifier IRF2805S Datasheet HTML 7Page - International Rectifier IRF2805S Datasheet HTML 8Page - International Rectifier IRF2805S Datasheet HTML 9Page - International Rectifier IRF2805S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF2805S/IRF2805L
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
Fig 14. Threshold Voltage Vs. Temperature
R G
IAS
0.01
Ω
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
VGS
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
ID = 250µA
25
50
75
100
125
150
175
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
42.5A
73.5A
104A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com