Electronic Components Datasheet Search
  English  ▼

X  

SN54HC244 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC244
Description  Octal Buffers and Line Drivers With 3-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC244 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC244 Datasheet HTML 9Page - Texas Instruments SN54HC244 Datasheet HTML 10Page - Texas Instruments SN54HC244 Datasheet HTML 11Page - Texas Instruments SN54HC244 Datasheet HTML 12Page - Texas Instruments SN54HC244 Datasheet HTML 13Page - Texas Instruments SN54HC244 Datasheet HTML 14Page - Texas Instruments SN54HC244 Datasheet HTML 15Page - Texas Instruments SN54HC244 Datasheet HTML 16Page - Texas Instruments SN54HC244 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
0
10
20
30
40
50
60
70
80
90
100
2
3
4
5
6
V
CC (V)
CL 50pF
CL 150pF
C002
13
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 7. Enable Time
10 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, TI recomments a 0.1-
μF capacitor. If there are multiple VCC terminals, then TI recommends 0.01-μF or
0.022-
μF capacitors for each power terminal. It is ok to parallel multiple bypass capacitors to reject different
frequencies of noise. Multiple bypass capacitors may be paralleled to reject different frequencies of noise. The
bypass capacitor should be installed as close to the power terminal as possible for the best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs should not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input and gate are used, or
when only 3 of the 4-buffer gates are used. Such input pins should not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 8 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that should be
applied to any particular unused input depends on the function of the device. Generally they will be tied to GND
or VCC, whichever makes more sense or is more convenient.
11.2 Layout Example
Figure 8. Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com