Electronic Components Datasheet Search
  English  ▼

X  

SN74HC244APWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC244APWLE
Description  Octal Buffers and Line Drivers With 3-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244APWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC244APWLE Datasheet HTML 1Page - Texas Instruments SN74HC244APWLE Datasheet HTML 2Page - Texas Instruments SN74HC244APWLE Datasheet HTML 3Page - Texas Instruments SN74HC244APWLE Datasheet HTML 4Page - Texas Instruments SN74HC244APWLE Datasheet HTML 5Page - Texas Instruments SN74HC244APWLE Datasheet HTML 6Page - Texas Instruments SN74HC244APWLE Datasheet HTML 7Page - Texas Instruments SN74HC244APWLE Datasheet HTML 8Page - Texas Instruments SN74HC244APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN54HC244, SN74HC244
UNIT
DB (SSOP)
DW (SOIC)
N (PDIP)
NS (SOP)
PW (TSSOP)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
89.5
76.8
44.9
71.9
97.5
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
50.9
42.2
30.9
38.2
32.6
°C/W
RθJB
Junction-to-board thermal resistance
44.6
44.6
25.8
39.3
48.4
°C/W
ψJT
Junction-to-top characterization
parameter
17
15.6
16.4
14.9
1.7
°C/W
ψJB
Junction-to-board characterization
parameter
44.2
44.1
25.7
39
47.9
°C/W
6.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –6 mA, VCC = 4.5 V
3.98
4.3
IOH = –7.8 mA, VCC = 6 V
5.48
5.8
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 6 mA, VCC = 4.5 V
0.17
0.26
IOL = 7.8 mA, VCC = 6 V
0.15
0.26
II
VI = VCC or 0, VCC = 6 V
±0.1
±100
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±0.01
±0.5
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
8
µA
Ci
VCC = 2 V to 6 V
3
10
pF
6.6 Electrical Characteristics – SN54HC244
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
V
VCC = 4.5 V
4.4
VCC = 6 V
5.9
IOH = –6 mA, VCC = 4.5 V
3.7
IOH = –7.8 mA, VCC = 6 V
5.2
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.1
V
VCC = 4.5 V
0.1
VCC = 6 V
0.1
IOL = 6 mA, VCC = 4.5 V
0.4
IOL = 7.8 mA, VCC = 6 V
0.4
II
VI = VCC or 0, VCC = 6 V
±1000
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±10
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
160
µA
Ci
VCC = 2 V to 6 V
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com