Electronic Components Datasheet Search
  English  ▼

X  

LM2672 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672
Description  LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2672 Datasheet HTML 7Page - Texas Instruments LM2672 Datasheet HTML 8Page - Texas Instruments LM2672 Datasheet HTML 9Page - Texas Instruments LM2672 Datasheet HTML 10Page - Texas Instruments LM2672 Datasheet HTML 11Page - Texas Instruments LM2672 Datasheet HTML 12Page - Texas Instruments LM2672 Datasheet HTML 13Page - Texas Instruments LM2672 Datasheet HTML 14Page - Texas Instruments LM2672 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Copyright © 2016, Texas Instruments Incorporated
11
LM2672
www.ti.com
SNVS136L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2672
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The LM2672 provides all of the active functions required for a step-down (buck) switching regulator. The internal
power switch is a DMOS power MOSFET to provide power supply designs with high current capability, up to 1 A,
and highly efficient operation.
The LM2672 is part of the SIMPLE SWITCHER® family of power converters. A complete design uses a minimum
number of external components, which have been pre-determined from a variety of manufacturers. Using either
this data sheet or TI's WEBENCH® design tool, a complete switching power supply can be designed quickly.
Refer to LM2670 SIMPLE SWITCHER® High Efficiency 3A Step-Down Voltage Regulator with Sync for additional
application information.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Switch Output
This is the output of a power MOSFET switch connected directly to the input voltage. The switch provides energy
to an inductor, an output capacitor and the load circuitry under control of an internal pulse-width-modulator
(PWM). The PWM controller is internally clocked by a fixed 260-kHz oscillator. In a standard step-down
application the duty cycle (time ON or time OFF) of the power switch is proportional to the ratio of the power
supply output voltage to the input voltage. The voltage on the VSW pin cycles between Vin (switch ON) and below
ground by the voltage drop of the external Schottky diode (switch OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com