Electronic Components Datasheet Search
  English  ▼

X  

LM4857SP Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4857SP
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857SP Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4857SP Datasheet HTML 23Page - National Semiconductor (TI) LM4857SP Datasheet HTML 24Page - National Semiconductor (TI) LM4857SP Datasheet HTML 25Page - National Semiconductor (TI) LM4857SP Datasheet HTML 26Page - National Semiconductor (TI) LM4857SP Datasheet HTML 27Page - National Semiconductor (TI) LM4857SP Datasheet HTML 28Page - National Semiconductor (TI) LM4857SP Datasheet HTML 29Page - National Semiconductor (TI) LM4857SP Datasheet HTML 30Page - National Semiconductor (TI) LM4857SP Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Application Information (Continued)
TABLE 4. Stereo Volume Control
LD4//RD4
LD3//RD3
LD2//RD2
LD1//RD1
LD0//RD0
Gain (dB)
00000
-40.5
00001
-39.0
00010
-37.5
00011
-36.0
00100
-34.5
00101
-33.0
00110
-31.5
00111
-30.0
01000
-28.5
01001
-27.0
01010
-25.5
01011
-24.0
01100
-22.5
01101
-21.0
01110
-19.5
01111
-18.0
10000
-16.5
10001
-15.0
10010
-13.5
10011
-12.0
10100
-10.5
10101
-9.0
10110
-7.5
10111
-6.0
11000
-4.5
11001
-3.0
11010
-1.5
11011
0.0
11100
1.5
11101
3.0
11110
4.5
11111
6.0
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com