Electronic Components Datasheet Search
  English  ▼

X  

LM2876 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2876
Description  Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2876 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2876 Datasheet HTML 17Page - Texas Instruments LM2876 Datasheet HTML 18Page - Texas Instruments LM2876 Datasheet HTML 19Page - Texas Instruments LM2876 Datasheet HTML 20Page - Texas Instruments LM2876 Datasheet HTML 21Page - Texas Instruments LM2876 Datasheet HTML 22Page - Texas Instruments LM2876 Datasheet HTML 23Page - Texas Instruments LM2876 Datasheet HTML 24Page - Texas Instruments LM2876 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LM2876
www.ti.com
SNAS088C – AUGUST 1995 – REVISED MARCH 2013
REACTIVE LOADING
It is hard for most power amplifiers to drive highly capacitive loads very effectively and normally results in
oscillations or ringing on the square wave response. If the output of the LM2876 is connected directly to a
capacitor with no series resistance, the square wave response will exhibit ringing if the capacitance is greater
than about 0.2
μF. If highly capacitive loads are expected due to long speaker cables, a method commonly
employed to protect amplifiers from low impedances at high frequencies is to couple to the load through a 10
Ω
resistor in parallel with a 0.7
μH inductor. The inductor-resistor combination as shown in the Typical Application
Circuit isolates the feedback amplifier from the load by providing high output impedance at high frequencies thus
allowing the 10
Ω resistor to decouple the capacitive load and reduce the Q of the series resonant circuit. The LR
combination also provides low output impedance at low frequencies thus shorting out the 10
Ω resistor and
allowing the amplifier to drive the series RC load (large capacitive load due to long speaker cables) directly.
GENERALIZED AUDIO POWER AMPLIFIER DESIGN
The system designer usually knows some of the following parameters when starting an audio amplifier design:
Desired Power Output
Input Level
Input Impedance
Load Impedance
Maximum Supply Voltage
Bandwidth
The power output and load impedance determine the power supply requirements, however, depending upon the
application some system designers may be limited to certain maximum supply voltages. If the designer does
have a power supply limitation, he should choose a practical load impedance which would allow the amplifier to
provide the desired output power, keeping in mind the current limiting capabilities of the device. In any case, the
output signal swing and current are found from (where PO is the average output power):
(5)
(6)
To determine the maximum supply voltage the following parameters must be considered. Add the dropout
voltage (4V for LM2876) to the peak output swing, Vopeak, to get the supply rail value (i.e. ± (Vopeak + Vod) at a
current of Iopeak). The regulation of the supply determines the unloaded voltage, usually about 15% higher.
Supply voltage will also rise 10% during high line conditions. Therefore, the maximum supply voltage is obtained
from the following equation:
Max. supplies
≈ ± (Vopeak + Vod)(1 + regulation)(1.1)
(7)
The input sensitivity and the output power specs determine the minimum required gain as depicted below:
(8)
Normally the gain is set between 20 and 200; for a 40W, 8
Ω audio amplifier this results in a sensitivity of 894 mV
and 89 mV, respectively. Although higher gain amplifiers provide greater output power and dynamic headroom
capabilities, there are certain shortcomings that go along with the so called “gain.” The input referred noise floor
is increased and hence the SNR is worse. With the increase in gain, there is also a reduction of the power
bandwidth which results in a decrease in feedback thus not allowing the amplifier to respond quickly enough to
nonlinearities. This decreased ability to respond to nonlinearities increases the THD + N specification.
The desired input impedance is set by RIN. Very high values can cause board layout problems and DC offsets at
the output. The value for the feedback resistance, Rf1, should be chosen to be a relatively large value (10
k
Ω–100 kΩ), and the other feedback resistance, Ri, is calculated using standard op amp configuration gain
equations. Most audio amplifiers are designed from the non-inverting amplifier configuration.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com