Electronic Components Datasheet Search
  English  ▼

X  

LM2941 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2941 Datasheet HTML 7Page - Texas Instruments LM2941 Datasheet HTML 8Page - Texas Instruments LM2941 Datasheet HTML 9Page - Texas Instruments LM2941 Datasheet HTML 10Page - Texas Instruments LM2941 Datasheet HTML 11Page - Texas Instruments LM2941 Datasheet HTML 12Page - Texas Instruments LM2941 Datasheet HTML 13Page - Texas Instruments LM2941 Datasheet HTML 14Page - Texas Instruments LM2941 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
Feature Description (continued)
7.3.3 Thermal Shutdown (TSD)
The LM2941 contains the thermal shutdown circuitry to turn off the output when excessive heat is dissipated in
the LDO. The internal protection circuitry of the LM2941 is designed to protect against thermal overload
conditions. The TSD circuitry is not intended to replace proper heat sinking. Continuously running the device into
thermal shutdown degrades its reliability as the junction temperature will be exceeding the absolute maximum
junction temperature rating.
7.3.4 Thermal Overload Protection
The LM2941 incorporates a linear form of thermal protection that limits the junction temperature (TJ) to typically
155°C.
Should the LM2941 see a fault condition that results in excessive power dissipation and the junction temperature
approaches 155°C, the device will respond by reducing the output current (which reduces the power dissipation)
to hold the junction temperature at 155°C.
Thermal Overload protection is not an ensured operating condition. Operating at, or near to, the thermal overload
condition for any extended period of time is not encouraged, or recommended, as this may shorten the lifetime of
the device.
7.4 Device Functional Modes
7.4.1 Operation With ON/OFF Control
The ON/OFF pin has no internal pull-up or pull-down to establish a default condition and, as a result, this pin
must be terminated externally, either actively or passively. The ON/OFF pin requires a low level to enable the
output, and a high level to disable the output. To ensure reliable operation, the ON/OFF pin voltage must rise
above the maximum ON/OFF(OFF) voltage threshold (2 V) to disable the output, and must fall below the
minimum ON/OFF(ON) voltage threshold (0.8 V) to enable the output. If the ON/OFF function is not needed this
pin can be connected directly to Ground. If the ON/OFF pin is being pulled to a high state through a series
resistor, an allowance must be made for the ON/OFF pin current that will cause a voltage drop across the pull-up
resistor
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com