Electronic Components Datasheet Search
  English  ▼

X  

LM393DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM393DRE4
Description  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  LM393DRE4 Datasheet HTML 1Page - Texas Instruments LM393DRE4 Datasheet HTML 2Page - Texas Instruments LM393DRE4 Datasheet HTML 3Page - Texas Instruments LM393DRE4 Datasheet HTML 4Page - Texas Instruments LM393DRE4 Datasheet HTML 5Page - Texas Instruments LM393DRE4 Datasheet HTML 6Page - Texas Instruments LM393DRE4 Datasheet HTML 7Page - Texas Instruments LM393DRE4 Datasheet HTML 8Page - Texas Instruments LM393DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
6.5 Electrical Characteristics for LMx93
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM293
LM193
LM393
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 5 V to 30 V,
25°C
2
5
2
5
VIO
Input offset voltage
VIC = VICR min,
mV
Full range
9
9
VO = 1.4 V
25°C
3
25
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
250
25°C
–25
–100
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–400
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
Common-mode input-voltage
VICR
V
range(2)
0 to
0 to
Full range
VCC – 2
VCC – 2
VCC = 15 V,
Large-signal differential-voltage
AVD
VO = 1.4 V to 11.4 V,
25°C
50
200
50
200
V/mV
amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V
VID = 1 V
25°C
0.1
0.1
50
nA
IOH
High-level output current
VOH = 30 V
VID = 1 V
Full range
1
1
μA
25°C
150
400
150
400
VOL
Low-level output voltage
IOL = 4 mA,
VID = –1 V
mV
Full range
700
700
IOL
Low-level output current
VOL = 1.5 V,
VID = –1 V
25°C
6
6
mA
VCC = 5 V
25°C
0.8
1
0.8
1
ICC
Supply current
RL = ∞
mA
VCC = 30 V
Full range
2.5
2.5
(1)
Full range (minimum or maximum) for LM193 is –55°C to 125°C, for LM293 is 25°C to 85°C, and for LM393 is 0°C to 70°C. All
characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V for the inverting input (–), and the non-inverting input (+) can exceed the VCC level; the comparator
provides a proper output state. Either or both inputs can go to 30 V without damage.
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com