Electronic Components Datasheet Search
  English  ▼

X  

SN54LS240 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS240
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS240 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LS240 Datasheet HTML 4Page - Texas Instruments SN54LS240 Datasheet HTML 5Page - Texas Instruments SN54LS240 Datasheet HTML 6Page - Texas Instruments SN54LS240 Datasheet HTML 7Page - Texas Instruments SN54LS240 Datasheet HTML 8Page - Texas Instruments SN54LS240 Datasheet HTML 9Page - Texas Instruments SN54LS240 Datasheet HTML 10Page - Texas Instruments SN54LS240 Datasheet HTML 11Page - Texas Instruments SN54LS240 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144C − APRIL 1985 − REVISED MAY 2010
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54S’
SN74S’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 1)
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
48
64
mA
External resistance between any input and VCC or ground
40
40
k
Ω
TA
Operating free-air temperature (see Note 3)
−55
125
0
70
°C
NOTES:
1. Voltage values are with respect to network ground terminal.
3. An SN54S241J operating at free-air temperature above 116
°C requires a heat sink that provides a thermal resistance from case
to free air, RθCA, of not more that 40°C/W.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54S’
SN74S’
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.2
−1.2
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
0.2
0.4
V
VCC = MIN
IOH = −1 mA
VIH = 2 V,
VIL = 0.8 V,
2.7
VOH
VCC = MIN,
IOH = −3 mA
VIH = 2 V,
VIL = 0.8 V,
2.4
3.4
2.4
3.4
V
VCC = MIN,
IOH = MAX
VIH = 2 V,
VIL = 0.5 V,
2
2
VOL
VCC = MIN,
IOL = MAX
VIH = 2 V,
VIL = 0.8 V,
0.55
0.55
V
IOZH
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 2.4 V
50
50
µA
IOZL
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 0.5 V
−50
−50
µA
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VI = 2.7 V
50
50
µA
I
V
MAX
V
05V
Any A
−400
−400
µA
IIL
VCC = MAX,
VI = 0.5 V
Any G
−2
−2
mA
IOS§
VCC = MAX
−50
−225
−50
−225
mA
Outputs high
’S240
80
123
80
135
Outputs high
’S241,’S244
95
147
95
160
I
VCC = MAX,
Outputs low
’S240
100
145
100
150
mA
ICC
VCC = MAX,
Output open
Outputs low
’S241, ’S244
120
170
120
180
mA
Outputs disabled
’S240
100
145
100
150
Outputs disabled
’S241, ’S244
120
170
120
180
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com