Electronic Components Datasheet Search
  English  ▼

X  

SN74LS240 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS240
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS240 Datasheet HTML 3Page - Texas Instruments SN74LS240 Datasheet HTML 4Page - Texas Instruments SN74LS240 Datasheet HTML 5Page - Texas Instruments SN74LS240 Datasheet HTML 6Page - Texas Instruments SN74LS240 Datasheet HTML 7Page - Texas Instruments SN74LS240 Datasheet HTML 8Page - Texas Instruments SN74LS240 Datasheet HTML 9Page - Texas Instruments SN74LS240 Datasheet HTML 10Page - Texas Instruments SN74LS240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144C − APRIL 1985 − REVISED MAY 2010
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS’
SN74LS’
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.5
−1.5
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
0.2
0.4
V
V
VCC = MIN,
IOH = −3 mA
VIH = 2 V,
VIL = MAX,
2.4
3.4
2.4
3.4
V
VOH
VCC = MIN,
IOH = MAX
VIH = 2 V,
VIL = 0.5 V,
2
2
V
V
VCC = MIN,
V
2V
IOL = 12 mA
0.4
0.4
V
VOL
VCC = MIN,
VIL = MAX
VIH = 2 V,
IOL = 24 mA
0.5
V
IOZH
VCC = MAX,
VIL = MAX
VIH = 2 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = MAX,
VIL = MAX
VIH = 2 V,
VO = 0.4 V
−20
−20
µA
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VIL = 0.4 V
−0.2
−0.2
mA
IOS§
VCC = MAX,
−40
−225
−40
−225
mA
Outputs high
All
17
27
17
27
V
MAX
Outputs low
’LS240
26
44
26
44
ICC
VCC = MAX,
Output open
Outputs low
’LS241, ’LS244
27
46
27
46
mA
ICC
Output open
Outputs disabled
’LS240
29
50
29
50
mA
Outputs disabled
’LS241, ’LS244
32
54
32
54
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
’LS240
’LS241, ’LS244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
R
667
Ω
C
45 pF
9
14
12
18
ns
tPHL
RL = 667 Ω,
CL = 45 pF
12
18
12
18
ns
tPZL
R
667
Ω
C
45 F
20
30
20
30
ns
tPZH
RL = 667 Ω,
CL = 45 pF
15
23
15
23
ns
tPLZ
R
667
Ω
C
5pF
10
20
10
20
ns
tPHZ
RL = 667 Ω,
CL = 5 pF
15
25
15
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com