Electronic Components Datasheet Search
  English  ▼

X  

PCM2900 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2900 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2900 Datasheet HTML 19Page - Texas Instruments PCM2900 Datasheet HTML 20Page - Texas Instruments PCM2900 Datasheet HTML 21Page - Texas Instruments PCM2900 Datasheet HTML 22Page - Texas Instruments PCM2900 Datasheet HTML 23Page - Texas Instruments PCM2900 Datasheet HTML 24Page - Texas Instruments PCM2900 Datasheet HTML 25Page - Texas Instruments PCM2900 Datasheet HTML 26Page - Texas Instruments PCM2900 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
23
End-Points
The PCM2900/2902 has the following four end-points.
D Control end-point (EP #0)
D Isochronous-out audio data stream end-point (EP #2)
D Isochronous-in audio data stream end-point (EP #4)
D HID end-point (EP #5)
The control end-point is a default end-point. The control end-point is used to control all functions of the
PCM2900/2902 by the standard USB request and USB audio class specific request from the host. The
isochronous-out audio data stream end-point is an audio sink end-point, which receives the PCM audio data.
The isochronous-out audio data stream end-point accepts the adaptive transfer mode. The isochronous-in
audio data stream end-point is an audio source end-point, which transmits the PCM audio data. The
isochronous-in audio data stream end-point uses asynchronous transfer mode. The HID end-point is an
interrupt-in end-point. HID end-point reports HID0, HID1, and HID2 pin status every 32 ms.
The human interface device (HID) pins are defined as consumer control devices. The HID function is designed
as an independent end-point from both isochronous-in and -out end-points. This means that the result of
affection for the HID operation depends on the host software. Typically, the HID function is affected for the
primary audio-out device.
Clock and Reset
The PCM2900/2902 requires a 12-MHz (
±500 ppm) clock for the USB and audio function, which can be
generated by a built-in crystal oscillator with a 12-MHz crystal resonator. The 12-MHz crystal resonator must
be connected to XTI (pin 21) and XTO (pin 20) with one high (1-M
Ω) resistor and two small capacitors, the
capacitance of which depends on the load capacitance of the crystal resonator. The external clock can be
supplied from XTI (pin 21). If the external clock is supplied, XTO (pin 20) must be left open. Because of no
clock-disabling signal, it is not recommended to use the external clock supply. SSPND (pin 28) is unable to use
clock disabling.
The PCM2900/2902 has an internal power-on reset circuit, which works automatically when VBUS (pin 3)
exceeds 2.5 V typical (2.7 V–2.2 V), and about 700
µs is required until internal reset release.
Digital Audio Interface (PCM2902)
The PCM2902 employs both S/PDIF input and output. Isochronous-out data from the host is encoded to the
S/PDIF output and the DAC analog output. Input data is selected as either S/PDIF or ADC analog input. When
the device detects an S/PDIF input and successfully locks the received data, the isochronous-in transfer data
source is automatically selected from S/PDIF itself; otherwise, the data source is selected to ADC analog input.
Supported Input Data (PCM2902)
The following data formats are accepted by the S/PDIF input and output. All other data formats are unable to
use S/PDIF.
D 48-kHz 16-bit stereo
D 44.1-kHz 16-bit stereo
D 32-kHz 16-bit stereo
Mismatch between input data format and host command may cause unexpected results except in the following
conditions.
D Record monaural format from stereo data input at the same data rate
D Record 8-bit format from 16-bit data input at the same data rate
A combination between the above conditions is not accepted.
For the playback, all possible data rate source is converted to 16-bit stereo format at the same source data rate.
Channel Status Information (PCM2902)
The channel status information is fixed as consumer application, PCM mode, copyright, and digital/digital
converter. All other bits are fixed as 0s except for the sample frequency, which is set automatically according
to the data received through the USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com