Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TMP175, 75
SBOS288C
www.ti.com
7
ONE-SHOT (OS)
The TMP175 and TMP75 feature a One-Shot Temperature
Measurement Mode. When the device is in Shutdown Mode,
writing a 1 to the OS bit will start a single temperature
conversion. The device will return to the shutdown state at
the completion of the single conversion. This is useful to
reduce power consumption in the TMP175 and TMP75 when
continuous temperature monitoring is not required. When the
configuration register is read, the OS will always read zero.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM = 0), the ALERT pin of the TMP175
and TMP75 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive
number of faults according to fault bits F1 and F0. The
ALERT pin will remain active until the temperature falls below
the indicated TLOW value for the same number of faults.
In Interrupt Mode (TM = 1), the ALERT pin becomes active
when the temperature equals or exceeds THIGH for a con-
secutive number of fault conditions. The ALERT pin remains
active until a read operation of any register occurs, or the
device successfully responds to the SMBus Alert Response
Address. The ALERT pin will also be cleared if the device is
placed in Shutdown Mode. Once the ALERT pin is cleared,
it will only become active again by the temperature falling
below TLOW. When the temperature falls below TLOW, the
ALERT pin will become active and remain active until cleared
by a read operation of any register or a successful response
to the SMBus Alert Response Address. Once the ALERT pin
is cleared, the above cycle will repeat, with the ALERT pin
becoming active when the temperature equals or exceeds
THIGH. The ALERT pin can also be cleared by resetting the
device with the General Call Reset command. This will also
clear the state of the internal registers in the device returning
the device to Comparator Mode (TM = 0).
Both operational modes are represented in Figure 3. Tables IX
and X describe the format for the THIGH and TLOW registers.
Power-up Reset values for THIGH and TLOW are:
THIGH = 80°C and TLOW = 75°C.
The format of the data for THIGH and TLOW is the same as for
the Temperature Register.
All 12 bits for the Temperature, THIGH, and TLOW registers are
used in the comparisons for the ALERT function for all
converter resolutions. The three LSBs in THIGH and TLOW can
affect the ALERT output even if the converter is configured
for 9-bit resolution.
SERIAL INTERFACE
The TMP175 and TMP75 operate only as slave devices on
the Two-Wire bus and SMBus. Connections to the bus are
made via the open-drain I/O lines SDA and SCL. The SDA
and SCL pins feature integrated spike suppression filters
and Schmitt triggers to minimize the effects of input spikes
and bus noise. The TMP175 and TMP75 both support the
transmission protocol for fast (1kHz to 400kHz) and high-
speed (1kHz to 3.4MHz) modes. All data bytes are transmit-
ted MSB first.
SERIAL BUS ADDRESS
To communicate with the TMP175 and TMP75, the master
must first address slave devices via a slave address byte.
The slave address byte consists of seven address bits, and
a direction bit indicating the intent of executing a read or write
operation.
The TMP175 features three address pins to allow up to 27
devices to be addressed on a single bus interface. Table XI
describes the pin logic levels used to properly connect up to 27
devices. ‘1’ indicates the pin is connected to the supply (VCC);
‘0’ indicates the pin is connected to GND; Float indicates the
pin is left unconnected. The state of pins A0, A1, and A2 is
sampled on every bus communication and should be set prior
to any activity on the interface.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
TABLE IX. Bytes 1 and 2 of THIGH Register.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
Byte
D7
D6
D5
D4
D3
D2
D1
D0
2
L3L2L1
L0
0
0
0
0
TABLE X. Bytes 1 and 2 of TLOW Register.
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Float
0
0
1110000
Float
0
Float
1110001
Float
0
1
1110010
Float
1
0
1110011
Float
1
Float
1110100
Float
1
1
1110101
Float
Float
0
1110110
Float
Float
1
1110111
0
Float
0
0101000
0
Float
1
0101001
1
Float
0
0101010
1
Float
1
0101011
0
0
Float
0101100
0
1
Float
0101101
1
0
Float
0101110
1
1
Float
0101111
0
Float
Float
0110101
1
Float
Float
0110110
Float
Float
Float
0110111
TABLE XI. Address Pins and Slave Addresses for TMP175.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
2
H3H2H1
H0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com