Electronic Components Datasheet Search
  English  ▼

X  

DP8421A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8421A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8421A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8421A Datasheet HTML 4Page - National Semiconductor (TI) DP8421A Datasheet HTML 5Page - National Semiconductor (TI) DP8421A Datasheet HTML 6Page - National Semiconductor (TI) DP8421A Datasheet HTML 7Page - National Semiconductor (TI) DP8421A Datasheet HTML 8Page - National Semiconductor (TI) DP8421A Datasheet HTML 9Page - National Semiconductor (TI) DP8421A Datasheet HTML 10Page - National Semiconductor (TI) DP8421A Datasheet HTML 11Page - National Semiconductor (TI) DP8421A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
30 Programming and Resetting
Due to the variety in power supplies power-up times the
internal power up reset circuit may not work in every design
therefore an EXTERNAL RESET must be performed before
the DRAM controller can be programmed and used
After
going
through
the
reset
procedure
the
DP8420A21A22A can be programmed by either of two
methods Mode Load Only Programming or Chip Select Ac-
cess Programming After programming the DRC for the first
time after reset the chip enters a 60 ms initialization period
during this period the controller performs refreshes every
13 msor15 ms this makes further DRAM warm up cycles
unnecessary
After this stage the chip can be repro-
grammed as many times as the user wishes and the 60 ms
period will not be entered into unless the chip is reset and
programmed again
During the 60 ms initialization period RFIP is asserted low
and RAS toggles every 13 msor15 ms depending on the
programming bit for refresh (C3) CAS will be inactive (logic
1) and the ‘‘Q’’ outputs will count from 0 to 2047 refreshing
the entire DRAM array The actual initialization time period
is given by the following formula T e 4096 (Clock Divisor
Select) (Refresh Clock Fine Tune)(DELCLK Frq)
31 EXTERNAL RESET
At power up if the internal power up reset worked all inter-
nal latches and flip-flops are cleared and the part is ready to
be programmed The power up state can also be achieved
by performing an External Reset which is required to insure
proper operation External Reset is achieved by asserting
ML and DISRFSH for at least 16 positive clock edges In
order to perform simply a Reset the ML signal must be
negated before DISRFSH is negated as shown in
Figure 5a
This procedure will only reset the controller which now is
ready for programming
While performing an External Reset if the user negates
DISRFSH at least one clock period before negating ML as
shown in
Figure 5b
ML negated will program the
DP8420A21A22A with the values in R0 – 9 C0 – 9 B0 – 1
and ECAS0 The 60 ms initialization period will be entered
since it is the first programming after reset This is a good
way of resetting and programming the part at the same time
Make sure the right programming bits are on the address
lines before ML is negated
The DRC may be Reset and programmed any time on the
fly but the user must make sure that No Access or Refresh
is in progress
TLF8588 – E1
FIGURE 5a Chip Reset but Not Programmed
TLF8588 – E2
FIGURE 5b Chip Reset and Programmed
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com