Electronic Components Datasheet Search
  English  ▼

X  

DMP6180SK3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP6180SK3
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6180SK3 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP6180SK3 Datasheet HTML 1Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 2Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 3Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 4Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 5Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP6180SK3
Document number: DS36172 Rev. 3 - 2
1 of 6
www.diodes.com
July 2013
© Diodes Incorporated
DMP6180SK3
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID
TC = +25°C
-60V
110m
Ω @ VGS = -10V
-14A
140m
Ω @ VGS = -4.5V
-12A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
DC-DC Converters
Power Management Functions
Analog Switch
Features and Benefits
Low On-Resistance
Low Input Capacitance
Totally Lead-Free & Fully RoHS compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMP6180SK3-13
Standard
TO252
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Internal Schematic
GS
D
D
Top View
Top View
TO252
YYWW
P618SK
Logo
Part no.
.
Year: “11” = 2011
Xth week: 01 ~ 53
e3


Similar Part No. - DMP6180SK3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMP6180SK3 ISC-DMP6180SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP6180SK3-13 ISC-DMP6180SK3-13 Datasheet
298Kb / 2P
isc P-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
DMP6180SK3-TP TECHPUBLIC-DMP6180SK3-TP Datasheet
1Mb / 5P
P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3Q DIODES-DMP6180SK3Q Datasheet
440Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6180SK3Q-13 DIODES-DMP6180SK3Q-13 Datasheet
440Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMP6180SK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
ZXMP6A13G DIODES-ZXMP6A13G_15 Datasheet
580Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com