Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM34 Datasheet HTML 10Page - Texas Instruments LM34 Datasheet HTML 11Page - Texas Instruments LM34 Datasheet HTML 12Page - Texas Instruments LM34 Datasheet HTML 13Page - Texas Instruments LM34 Datasheet HTML 14Page - Texas Instruments LM34 Datasheet HTML 15Page - Texas Instruments LM34 Datasheet HTML 16Page - Texas Instruments LM34 Datasheet HTML 17Page - Texas Instruments LM34 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LM34
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
www.ti.com
8.3 System Examples
Figure 16. Full-Range Fahrenheit Temperature
Figure 17. Full Range Farenheit Sensor (–50 °F to
Sensor
300 °F)
VOUT = 10 mV/°F (TA+3°F) from 3°F to 100°F
Figure 18. Two-Wire Remote Temperature Sensor
Figure 19. Two-Wire Remote Temperature Sensor
(Grounded Sensor)
(Output Referred to Ground)
Figure 20. 4- to -20 mA Current Source (0°F to
Figure 21. Fahrenheit Thermometer (Analog Meter)
100°F)
14
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com