Electronic Components Datasheet Search
  English  ▼

X  

TMP75AID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75AID
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75AID Datasheet(HTML) 2 Page - Texas Instruments

  TMP75AID Datasheet HTML 1Page - Texas Instruments TMP75AID Datasheet HTML 2Page - Texas Instruments TMP75AID Datasheet HTML 3Page - Texas Instruments TMP75AID Datasheet HTML 4Page - Texas Instruments TMP75AID Datasheet HTML 5Page - Texas Instruments TMP75AID Datasheet HTML 6Page - Texas Instruments TMP75AID Datasheet HTML 7Page - Texas Instruments TMP75AID Datasheet HTML 8Page - Texas Instruments TMP75AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TMP175, 75
2
SBOS288C
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+ ............................................................................... 7.0V
Input Voltage(2) .................................................................... –0.5V to 7.0V
Input Current ..................................................................................... 10mA
Operating Temperature Range ..................................... –55°C to +127°C
Storage Temperature Range ......................................... –60°C to +130°C
Junction Temperature (TJ Max) .................................................... +150°C
Lead Temperature (soldering) ....................................................... +300°C
NOTES: (1) Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability. (2) Input voltage
rating applies to all TMP175 and TMP75 input voltages.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TMP175
SO-8
D
–40°C to +125°C
TMP175
TMP175AID
Rails, 100
""
""
"
TMP175AIDR
Tape and Reel, 2500
TMP75
SO-8
D
–40°C to +125°C
TMP75
TMP75AID
Rails, 100
""
""
"
TMP75AIDR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PIN CONFIGURATIONS
Top View
SO-8
SDA
SCL
ALERT
GND
V+
A0
A1
A2
1
2
3
4
8
7
6
5
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SDA
SCL
ALERT
GND
V+
A0
A1
A2
1
2
3
4
8
7
6
5
NOTE: Pin 1 is determined by orienting the package marking as indicated in the diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com