Electronic Components Datasheet Search
  English  ▼

X  

DMS3012SFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMS3012SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3012SFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMS3012SFG Datasheet HTML 1Page - Diodes Incorporated DMS3012SFG Datasheet HTML 2Page - Diodes Incorporated DMS3012SFG Datasheet HTML 3Page - Diodes Incorporated DMS3012SFG Datasheet HTML 4Page - Diodes Incorporated DMS3012SFG Datasheet HTML 5Page - Diodes Incorporated DMS3012SFG Datasheet HTML 6Page - Diodes Incorporated DMS3012SFG Datasheet HTML 7Page - Diodes Incorporated DMS3012SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMS3012SFG
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON)
Package
ID
TA = +25°C
30V
10m
Ω @ VGS = 10V
POWERDI
3333-8
12A
15m
Ω @ VGS = 4.5V
9.5A
Description
This MOSFET is designed to minimize on-state resistance (RDS(on))
and yet maintain superior switching performance, making it ideal for
high efficiency power management applications.
Applications
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features
•
DIOFET utilizes a unique patented process to monolithically
integrate a MOSFET and a Schottky in a single die to deliver:
Low RDS(ON) – minimize conduction losses
Low VSD – reducing the losses due to body diode conduction
Low Qrr – lower Qrr of the integrated Schottky reduces body
diode switching losses
Low gate capacitance (Qg/Qgs) ratio – reduces risk of shoot
through or cross conduction currents at high frequencies
•
Small form factor thermally efficient package enables higher
density end products
•
Occupies just 33% of the board area occupied by SO-8, enabling
smaller end product
•
100% UIS (Avalanche) rated
•
100% Rg tested
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: POWERDI3333-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See diagram
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.072 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMS3012SFG-7
POWERDI3333-8
2000/Tape & Reel
DMS3012SFG-13
POWERDI3333-8
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Bottom View
1
2
3
4
8
7
6
5
Top View
Pin Configuration
Internal Schematic
Source
Gate
Drain
S
S
S
G
D
D
D
D
Pin 1
Top View
POWERDI is a registered trademark of Diodes Incorporated.
DMS3012SFG
Document number: DS35441 Rev. 8 - 2
1 of 8
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - DMS3012SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3012SFG-13 DIODES-DMS3012SFG-13 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 8
DMS3012SFG-7 DIODES-DMS3012SFG-7 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 8
DMS3012SFG DIODES-DMS3012SFG_15 Datasheet
270Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 8
More results

Similar Description - DMS3012SFG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com