Electronic Components Datasheet Search
  English  ▼

X  

LM317LIPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LIPW
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LIPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317LIPW Datasheet HTML 3Page - Texas Instruments LM317LIPW Datasheet HTML 4Page - Texas Instruments LM317LIPW Datasheet HTML 5Page - Texas Instruments LM317LIPW Datasheet HTML 6Page - Texas Instruments LM317LIPW Datasheet HTML 7Page - Texas Instruments LM317LIPW Datasheet HTML 8Page - Texas Instruments LM317LIPW Datasheet HTML 9Page - Texas Instruments LM317LIPW Datasheet HTML 10Page - Texas Instruments LM317LIPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
8.3 Feature Description
8.3.1 NPN Darlington Output Drive
NPN Darlington output topology provides naturally low output impedance and an output capacitor is optional. To
support maximum current and lowest temperature, 2.5-V headroom is recommended (VI – VO).
8.3.2 Overload Block
Over-current and over-temperature shutdown protects the device against overload or damage from operating in
excessive heat.
8.3.3 Programmable Feedback
Op amp with 1.25-V offset input at the ADJUST pin provides easy output voltage or current (not both)
programming. For current regulation applications, a single resistor whose resistance value is 1.25 V / IOUT and
power rating is greater than (1.25 V)2 / R should be used. For voltage regulation applications, two resistors set
the output voltage. See Typical Application for a schematic and the resistor formula.
8.4 Device Functional Modes
8.4.1 Normal operation
The device OUTPUT pin will source current necessary to make OUTPUT pin 1.25 V greater than ADJUST
terminal to provide output regulation.
8.4.2 Operation With Low Input Voltage
The device requires up to 2.5-V headroom (VI – VO) to operate in regulation. With less headroom, the device
may drop out and OUTPUT voltage will be INPUT voltage minus drop out voltage.
8.4.3 Operation at Light Loads
The device passes its bias current to the OUTPUT pin. The load or feedback must consume this minimum
current for regulation or the output may be too high.
8.4.4 Operation In Self Protection
When an overload occurs the device will shut down Darlington NPN output stage or reduce the output current to
prevent device damage. The device will automatically reset from the overload. The output may be reduced or
alternate between on and off until the overload is removed.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com