Electronic Components Datasheet Search
  English  ▼

X  

LM317LIPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LIPWR
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LIPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM317LIPWR Datasheet HTML 9Page - Texas Instruments LM317LIPWR Datasheet HTML 10Page - Texas Instruments LM317LIPWR Datasheet HTML 11Page - Texas Instruments LM317LIPWR Datasheet HTML 12Page - Texas Instruments LM317LIPWR Datasheet HTML 13Page - Texas Instruments LM317LIPWR Datasheet HTML 14Page - Texas Instruments LM317LIPWR Datasheet HTML 15Page - Texas Instruments LM317LIPWR Datasheet HTML 16Page - Texas Instruments LM317LIPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
500 W
VO
47 µF
1N4002
120 W
10 µF
10 µF
5 kW
22 W
5 kW
2N2905
TIP73
VI
RL
LM317L
Adjustment
Output
Input
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
General Configurations (continued)
9.3.8 High-Current Adjustable Regulator
This application allows higher currents at VOUT than the LM317L device can provide, while still keeping the output
voltage at levels determined by the adjustment-pin resistor divider of the LM317L.
Figure 10. High-Current Adjustable Regulator
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com