Electronic Components Datasheet Search
  English  ▼

X  

TPS61013DGS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61013DGS
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61013DGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61013DGS Datasheet HTML 2Page - Texas Instruments TPS61013DGS Datasheet HTML 3Page - Texas Instruments TPS61013DGS Datasheet HTML 4Page - Texas Instruments TPS61013DGS Datasheet HTML 5Page - Texas Instruments TPS61013DGS Datasheet HTML 6Page - Texas Instruments TPS61013DGS Datasheet HTML 7Page - Texas Instruments TPS61013DGS Datasheet HTML 8Page - Texas Instruments TPS61013DGS Datasheet HTML 9Page - Texas Instruments TPS61013DGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
The accuracy of the adjustable version is determined by the accuracy of the internal voltage reference, the
controller topology, and the accuracy of the external resistor. The reference voltage has an accuracy of
±4% over
line, load, and temperature. The controller switches between fixed frequency and pulse-skip mode, depending on
load current. This adds an offset to the output voltage that is equivalent to 1% of VO. The tolerance of the
resistors in the feedback divider determine the total system accuracy.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Input voltage range on VBAT, VOUT, SW, EN, LBI, FB, ADEN
-0.3 V to 3.6 V
SW
-0.3 V to 7 V
Voltage range on: LBO, COMP
3.6 V
Peak current into SW
1300 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
-40
°C to 85°C
Maximum junction temperature, TJ
150
°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA <25°C POWER
DERATING FACTORABOVE TA TA = 70°C POWER
TA = 85°C POWER
RATING
= 25
°C
RATING
RATING
DGS
424 mW
3.4 mW/
°C
271 mW
220 mW
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VBAT, VI
0.8
VOUT
V
Maximum output current at VIN = 1.2 V, IO
100
mA
Maximum output current at VIN = 2.4 V, IO
200
mA
Inductor, L1
10
33
µH
Input capacitor, Ci
10
µF
Output capacitor, Co
10
22
47
µF
Operating virtual junction temperature, TJ
-40
125
°C
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com