Electronic Components Datasheet Search
  English  ▼

X  

KAS1024 Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAS1024
Description  AC-DC POWER MODULE 10W SINGLE OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAS1024 Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  KAS1024 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAS1024 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAS1024 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAS1024 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - KAS1024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAS1102ET E-SWITCH-KAS1102ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS1102RT E-SWITCH-KAS1102RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS1103ET E-SWITCH-KAS1103ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS1103RT E-SWITCH-KAS1103RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS1104ET E-SWITCH-KAS1104ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
More results

Similar Description - KAS1024

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
logo
Delta Electronics, Inc.
AA10S0300A DELTA-AA10S0300A Datasheet
237Kb / 5P
10W Single Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM10 CHINFA-KAM10_14 Datasheet
217Kb / 4P
AC - DC POWER MODULE 10W SINGLE & DUAL OUTPUT
KAS05 CHINFA-KAS05 Datasheet
173Kb / 4P
AC-DC POWER MODULE 5W SINGLE OUTPUT
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
Minmax Technology Co., ...
AGF-10 MINMAX-AGF-10_16 Datasheet
302Kb / 3P
AC/DC Power Module 10W
AHF-10 MINMAX-AHF-10_16 Datasheet
467Kb / 3P
AC/DC Power Module 10W
logo
Delta Electronics, Inc.
AA10S DELTA-AA10S Datasheet
279Kb / 4P
10W Single Output AC/DC Power Module
logo
Minmax Technology Co., ...
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
AC/DC Power Module 10W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com