Electronic Components Datasheet Search
  English  ▼

X  

CDCV304 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304
Description  140-MHz PCI-X CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV304 Datasheet(HTML) 3 Page - Texas Instruments

  CDCV304 Datasheet HTML 1Page - Texas Instruments CDCV304 Datasheet HTML 2Page - Texas Instruments CDCV304 Datasheet HTML 3Page - Texas Instruments CDCV304 Datasheet HTML 4Page - Texas Instruments CDCV304 Datasheet HTML 5Page - Texas Instruments CDCV304 Datasheet HTML 6Page - Texas Instruments CDCV304 Datasheet HTML 7Page - Texas Instruments CDCV304 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDCV304
140-MHz PCI-X CLOCK BUFFER
SCAS643B – SEPTEMBER 2000 REVISED JULY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
VDD = min to max, IOH = –1 mA
VDD–0.2
VOH
High-level output voltage
VDD = 3 V,
IOH = –24 mA
2
V
VDD = 3 V,
IOH = –12 mA
2.4
VDD = min to max, IOL = 1 mA
0.2
VOL
Low-level output voltage
VDD = 3 V,
IOL = 24 mA
0.8
V
VDD = 3 V,
IOL = 12 mA
0.55
IOH
High level output current
VDD = 3 V,
VO = 1 V
–50
mA
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–55
mA
IOL
Low level output current
VDD = 3 V,
VO = 2 V
60
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
70
mA
II
Input current
VI = VO or VDD
±5
µA
IDD
Dynamic current, See Figure 5
f = 67 MHz
37
mA
Ci
Input capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3
pF
Co
Output capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3.2
pF
† All typical values are at respective nominal VDD and 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 10 pF, VDD = 3.3 V ± 0.3 V (see Note 6 and Figures 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
High-to-low propagation delay
See Figures 1 and 2
1.8
2.5
3
ns
tPHL
Low-to-high propagation delay
See Figures 1 and 2
1.8
2.4
3
ns
tsk(o)
Output skew (see Note 4)
50
100
ps
tsk(p)
Pulse skew
VIH = VDD, VIL = 0 V
150
ps
tsk(pr)
Process skew
0.2
0.3
ns
tsk(pp)
Part-to-part skew
0.25
0.4
ns
Thi h
CLK high time See Figure 4
66 MHz
6
ns
Thigh
CLK high time, See Figure 4
140 MHz
3
ns
Tl
CLK low time See Figure 4
66 MHz
6
ns
Tlow
CLK low time, See Figure 4
140 MHz
3
ns
tr
Output rise slew rate‡
0.2VDD to 0.6VDD
1.5
2.7
4
V/ns
tf
Output fall slew rate‡
0.6VDD to 0.2VDD
1.5
2.7
4
V/ns
† All typical values are at respective nominal VDD.
‡ This symbol is according to PCI-X terminology.
NOTE 4: The tsk(o) specification is only valid for equal loading of all outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com