Electronic Components Datasheet Search
  English  ▼

X  

MLM339P Datasheet(PDF) 12 Page - Texas Instruments

Part # MLM339P
Description  Low-Power Low-Offset Voltage Quad Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM339P Datasheet(HTML) 12 Page - Texas Instruments

Back Button MLM339P Datasheet HTML 8Page - Texas Instruments MLM339P Datasheet HTML 9Page - Texas Instruments MLM339P Datasheet HTML 10Page - Texas Instruments MLM339P Datasheet HTML 11Page - Texas Instruments MLM339P Datasheet HTML 12Page - Texas Instruments MLM339P Datasheet HTML 13Page - Texas Instruments MLM339P Datasheet HTML 14Page - Texas Instruments MLM339P Datasheet HTML 15Page - Texas Instruments MLM339P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM139-N is specified for operation from 2.0 V to 36 V (±1V to ±18V) over the temperature range of –55°C to
125°C. While it may seem like a comparator has a well-defined and somewhat limited functionality as a '1-bit
ADC', a comparator is a versatile component which can be used for many functions.
Refer to AN-74 LM139/LM239/LM339 A Quad of Independently Functioning Comparators (SNOA654) for
additional application information on use of the LM139-N.
8.2 Typical Applications
8.2.1 Basic Comparator
Figure 11. Basic Comparator Schematic
8.2.1.1 Design Requirements
The basic usage of a comparator is to indicate when a specific analog signal has exceeded some predefined
threshold. In this application, the negative input is tied to a reference voltage, and the positive input is connected
to the input signal. The output is pulled up with a resistor to the logic supply voltage, V+.
For an example application, the supply voltage is 5 V. The input signal varies between 1 V and 3 V, and we want
to know when the input exceeds 2.5 V. For this example, we would set the VREF to 2.5 V.
8.2.1.2 Application Curve
Figure 12. Basic Comparator Response
12
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com