Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC74ADBLE
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC74ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC74ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
SN54LVC74A . . . J OR W PACKAGE
SN74LVC74A . . . D, DB, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
NC
2CLK
NC
2PRE
1CLK
NC
1PRE
NC
1Q
SN54LVC74A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC74A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
2CLR
2D
2CLK
2PRE
2Q
1D
1CLK
1PRE
1Q
1Q
SN54LVC74A, SN74LVC74A
www.ti.com
SCAS287T – JANUARY 1993 – REVISED JULY 2013
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
Check for Samples: SN54LVC74A, SN74LVC74A
1
FEATURES
DESCRIPTION
The SN54LVC74A dual positive-edge-triggered D-
•
Operate From 1.65 V to 3.6 V
type flip-flop is designed for 2.7-V to 3.6-V VCC
•
Inputs Accept Voltages to 5.5 V
operation, and the SN74LVC74A dual positive-edge-
•
Max tpd of 5.2 ns at 3.3 V
triggered D-type flip-flop is designed for 1.65-V to 3.6-
V VCC operation.
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
A low level at the preset (PRE) or clear (CLR) inputs
sets or resets the outputs, regardless of the levels of
•
Typical VOHV (Output VOH Undershoot)
the other inputs. When PRE and CLR are inactive
>2 V at VCC = 3.3 V, TA = 25°C
(high), data at the data (D) input meeting the setup
•
Latch-Up Performance Exceeds 250 mA Per
time requirements is transferred to the outputs on the
JESD 17
positive-going
edge
of
the
clock
pulse.
Clock
•
ESD Protection Exceeds JESD 22
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
–
2000-V Human-Body Model (A114-A)
the hold-time interval, data at the D input can be
–
200-V Machine Model (A115-A)
changed without affecting the levels at the outputs.
–
1000-V Charged-Device Model (C101)
The data I/Os and control inputs are overvoltage
tolerant. This feature allows the use of these devices
for down-translation in a mixed-voltage environment.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC74ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC74ADBLE TI-SN74LVC74ADBLE Datasheet
516Kb / 17P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74ADBLE TI-SN74LVC74ADBLE Datasheet
814Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74ADBLE TI-SN74LVC74ADBLE Datasheet
661Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC74ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com