Electronic Components Datasheet Search
  English  ▼

X  

SS539EUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS539EUA
Description  Bipolar Hall-Effect Position Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS539EUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS539EUA Datasheet HTML 1Page - SEC Electronics Inc. SS539EUA Datasheet HTML 2Page - SEC Electronics Inc. SS539EUA Datasheet HTML 3Page - SEC Electronics Inc. SS539EUA Datasheet HTML 4Page - SEC Electronics Inc. SS539EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS539
Bipolar Hall-Effect Position Sensor
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
–
4.5V to 24V Operation
–
-40°C to 150°C Superior temperature opera-
tion
–
Bipolar technology
–
Open-collector 25 mA output
–
Reverse battery protection
–
Solid-state reliability
–
Resistant to physical stress
–
Small Size-SOT23 3L and SIP 3L
–
Activate with small, commercially available
Permanent magnets
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed measurement
–
Angular position detection
–
Revolution counting
–
Proximity detection
General Description
The SS539 is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less DC
motor applications. The device integrates a voltage
regulator, reverse battery protection diode, Hall sen-
sor with dynamic offset cancellation system, temper-
ature compensation circuitry, small signal amplifier,
Schmitt trigger and an open-collector output to sink
up to 25 mA
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to op-
erate continuously over extended temperatures to +150°C, and are more stable with both temperature and supply
voltage changes. If a magnetic flux density larger than threshold Bop, Output is turned on (low). The output state is
held until a magnetic flux density reversal falls below BRP, causing Output to be turned off (high).
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
DC motor applications.
The device is delivered in a Small Outline Transistor (SOT) or in a Plastic Single In Line ( SIP 3L flat). Both
3-lead packages are RoHS compliant.
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS539EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS539EUA SECELECTRONICS-SS539EUA Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
More results

Similar Description - SS539EUA

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com