Electronic Components Datasheet Search
  English  ▼

X  

LM3420 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3420
Description  8.4-V Li-Ion Battery Charge Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3420 Datasheet(HTML) 2 Page - Texas Instruments

  LM3420 Datasheet HTML 1Page - Texas Instruments LM3420 Datasheet HTML 2Page - Texas Instruments LM3420 Datasheet HTML 3Page - Texas Instruments LM3420 Datasheet HTML 4Page - Texas Instruments LM3420 Datasheet HTML 5Page - Texas Instruments LM3420 Datasheet HTML 6Page - Texas Instruments LM3420 Datasheet HTML 7Page - Texas Instruments LM3420 Datasheet HTML 8Page - Texas Instruments LM3420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM3420
SNVS116E – MAY 1998 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 10
1
Features .................................................................. 1
8.3
Feature Description................................................. 10
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 11
3
Description ............................................................. 1
9
Application and Implementation ........................ 12
4
Revision History..................................................... 2
9.1
Application Information............................................ 12
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application: Constant Current/Constant
6
Specifications......................................................... 4
Voltage Li-Ion Battery Charger ................................ 12
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 17
6.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 18
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 18
6.4
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 18
6.5
LM3420 Electrical Characteristics............................. 5
12
Device and Documentation Support ................. 18
6.6
LM3420A Electrical Characteristics .......................... 6
12.1
Trademarks ........................................................... 18
6.7
Typical Characteristics .............................................. 7
12.2
Electrostatic Discharge Caution ............................ 18
7
Parameter Measurement Information .................. 9
12.3
Glossary ................................................................ 18
7.1
Test Circuits .............................................................. 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 10
Information ........................................................... 19
8.1
Overview ................................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (May 2013) to Revision E
Page
•
Deleted info re: 4.2-V, 8.2-V, 12.6-V and 16.8 V versions .................................................................................................... 1
•
Added Device Information and ESD Ratings tables, Feature Description, Device Functional Modes, Application and
Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and Mechanical,
Packaging, and Orderable Information sections; moved some curves to Application Curves section .................................. 1
Changes from Revision C (April 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 13
2
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: LM3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com