Electronic Components Datasheet Search
  English  ▼

X  

LM3501 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments LM3501 Datasheet HTML 10Page - Texas Instruments LM3501 Datasheet HTML 11Page - Texas Instruments LM3501 Datasheet HTML 12Page - Texas Instruments LM3501 Datasheet HTML 13Page - Texas Instruments LM3501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
-40
-15
10
35
60
85
TEMPERATURE (ºC)
450
500
550
600
650
700
750
800
850
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
-40
-15
10
35
60
85
TEMPERATURE °C
240
260
280
300
320
340
360
380
400
420
440
= 3.0V
IN
V
= 4.2V
IN
V
= 5.5V
IN
V
200
300
400
500
600
700
800
900
1000
1100
2.5
3.0 3.5
4.0
4.5 5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
VOUT = 18V
VOUT = 8V
V O
UT
=
12
V
VO
UT
= 1
5V
-40
-15
10
35
60
85
TEMPERATURE (ºC)
500
600
700
800
900
1000
1100
1200
1300
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
LM3501
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Switch Current Limit
Switch Current Limit
vs.
vs.
Temperature
Temperature
(LM3501-16, VOUT = 8V)
(LM3501-16, VOUT = 12V)
Figure 15.
Figure 16.
Switch Current Limit
Switch Current Limit
vs.
vs.
VIN
Temperature
(LM3501-21)
(LM3501-21, VOUT = 8V)
Figure 17.
Figure 18.
Switch Current Limit
Switch Current Limit
vs.
vs.
Temperature
Temperature
(LM3501-21, VOUT = 12V)
(LM3501-21, VOUT = 18V)
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com