Electronic Components Datasheet Search
  English  ▼

X  

DS2411P/T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2411P/T
Description  Silicon Serial Number with VCC Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2411P/T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2411P/T Datasheet HTML 1Page - Dallas Semiconductor DS2411P/T Datasheet HTML 2Page - Dallas Semiconductor DS2411P/T Datasheet HTML 3Page - Dallas Semiconductor DS2411P/T Datasheet HTML 4Page - Dallas Semiconductor DS2411P/T Datasheet HTML 5Page - Dallas Semiconductor DS2411P/T Datasheet HTML 6Page - Dallas Semiconductor DS2411P/T Datasheet HTML 7Page - Dallas Semiconductor DS2411P/T Datasheet HTML 8Page - Dallas Semiconductor DS2411P/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS2411
4 of 11
Note 11:
e represents the time required for the pullup circuitry to pull the voltage on I/O up VIL to
VTH.
Note 12:
d represents the time required for the pullup circuitry to pull the voltage on I/O up from
VIL to the input-high threshold of the bus master.
Note 13:
Interval begins when the voltage drops below VTL during a negative edge on I/O and ends
when the voltage rises above VTH during a positive edge on I/O.
OPERATION
The DS2411’s registration number is accessed through a single data line. The 48-bit serial number, 8-bit
family code, and 8-bit CRC are retrieved using the Dallas 1-Wire protocol. This protocol defines bus
transactions in terms of the bus state during specified time slots that are bus-master-generated falling
edges on the I/O pin. All data is read and written least significant bit first. The device requires a delay
between VCC power-up and initial 1-Wire communication, tPWRP (1200
ms). During this time the device
may issue presence-detect pulses.
1-Wire BUS SYSTEM
The 1-Wire bus has a single bus master and one or more slaves. In all instances, the DS2411 is a slave
device. The bus master is typically either a microcontroller or a Dallas Semiconductor bridge chip such as
the DS2480, DS2490, or DS1481. The discussion of this bus system is broken down into three topics:
hardware configuration, transaction sequence, and 1-Wire signaling (signal type and timing).
Hardware Configuration
The 1-Wire bus has a single data line, I/O. It is important that each device on the bus be able to drive I/O
at the appropriate time. To facilitate this, each device has an open-drain or three-state output. The
DS2411 has an open-drain output with an internal circuit equivalent to that shown in Figure 3. The bus
master can have the same equivalent circuit. If a bidirectional pin is not available on the master, separate
output and input pins can be connected together. The bus requires a pullup resistor at the master end of
the bus, as shown in Figure 4. A multidrop bus consists of a 1-Wire bus with multiple slaves attached.
The 1-Wire bus has a maximum data rate of 15.4kbps in standard speed and 125kbps in overdrive.
The idle state for the 1-Wire bus is high. If a transaction needs to be suspended for any reason, I/O must
remain high if the transaction is to be resumed. If the bus is pulled low, slave devices on the bus will
interpret the low as either a timeslot, or a reset depending on the duration.
Figure 1. DS2411 REGISTRATION NUMBER
MSB
LSB
8-BIT CRC CODE
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE
(01h)
MSB
LSB MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com