Electronic Components Datasheet Search
  English  ▼

X  

LM3578AM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AM
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3578AM Datasheet HTML 6Page - Texas Instruments LM3578AM Datasheet HTML 7Page - Texas Instruments LM3578AM Datasheet HTML 8Page - Texas Instruments LM3578AM Datasheet HTML 9Page - Texas Instruments LM3578AM Datasheet HTML 10Page - Texas Instruments LM3578AM Datasheet HTML 11Page - Texas Instruments LM3578AM Datasheet HTML 12Page - Texas Instruments LM3578AM Datasheet HTML 13Page - Texas Instruments LM3578AM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Figure 16. Current Limit, Vin Referred
CURRENT LIMIT TRANSIENT SUPPRESSION
When noise spikes and switching transients interfere with proper current limit operation, R1 and C1 act together
as a low pass filter to control the current limit circuitry's response time.
Because the sense current of the current limit terminal varies according to where it is referenced, R1 should be
less than 2 k
Ω when referenced to ground, and less than 100Ω when referenced to Vin.
Figure 17. Current Limit Transient Suppressor, Ground Referred
Figure 18. Current Limit Transient Suppressor, Vin Referred
C.L. SENSE VOLTAGE MULTIPLICATION
When a larger sense resistor value is desired, the voltage divider network, consisting of R1 and R2, may be
used. This effectively multiplies the sense voltage by (1 + R1/R2). Also, R1 can be replaced by a diode to
increase current limit sense voltage to about 800 mV (diode Vf + 110 mV).
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com