Electronic Components Datasheet Search
  English  ▼

X  

LM3537 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3537
Description  8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3537 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3537 Datasheet HTML 2Page - Texas Instruments LM3537 Datasheet HTML 3Page - Texas Instruments LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments LM3537 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM3537
SNVS634B – JUNE 2011 – REVISED MAY 2013
www.ti.com
LOGIC INTERFACE CHARACTERISTICS
(1) (2)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I2C-Compatible Interface Timing Specifications (SCL, SDA)(3)
t1
SCL (Clock Period)
See(4)
2.5
µs
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out stable After SCL Low
0
ns
SDA Low Setup Time to SCL Low
t4
100
ns
(Start)
SDA High Hold Time After SCL High
t5
100
ns
(Stop)
I2C-Compatible Interface Voltage Specifications (SCL, SDA)
VIL
Input Logic Low "0"
2.7V
≤ VIN_A ≤ 5.5V
0
0.45
V
VIH
Input Logic High "1"
2.7V
≤ VIN_A ≤ 5.5V
1.25
VIN_A
V
VOL
Output Logic Low "0"
ILOAD = 3mA
400
mV
Logic inputs HWEN and PWM
Reset
0
0.45
VHWEN
HWEN Voltage Thresholds
2.7V
≤ VIN_A ≤ 5.5V
V
Normal Operation
1.2
VIN_A
LEDs Off
0
0.45
VPWM
PWM Voltage Thresholds
2.7V
≤ VIN_A ≤ 5.5V
V
LEDs On
1.2
VIN_A
ALS interrupt
VOL-INT
Interrupt Output Logic Low '0'
ILOAD = 3mA
400
mV
Logic outputs GPO1, GPO2(5)
VOL
Output Low Level
IOUT = 3 mA
0.3
0.5
V
VOUT_S
VOUT_S
VOH
Output High Level
IOUT = −2 mA
V
−0.5
–0.3
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm.
(3)
SCL and SDA should be glitch-free in order for proper device control to be realized. See Figure 2 for timing specification details.
(4)
SCL is tested with a 50% duty-cycle clock.
(5)
VOUT_S = SBIAS pin output voltage. The voltage level of the GPOs depends on the sbias_en-bit: '1'; GPOs will behave as push-pull
outputs and will reference the high-side to the voltage of SBIAS. '0'; GPOs will act as open-drain outputs (default). In the open-drain
configuration, they can be high-side referenced to any voltage equal to, or less than, the VIN_A of the LM3537. Output High Level (VOH)
specification is valid only for push-pull -type outputs.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com