Electronic Components Datasheet Search
  English  ▼

X  

LM3544 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3544
Description  Quad Port USB Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3544 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments LM3544 Datasheet HTML 10Page - Texas Instruments LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments LM3544 Datasheet HTML 14Page - Texas Instruments LM3544 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
tantalum capacitor is recommended. The input supply
should be further bypassed with a 0.01 µF - 0.1 µF ceramic
capacitor, placed close to the device. The ceramic capacitor
reduces ringing on the supply that can occur when a short is
present at the output of a port.
EXTENDING THE FAULT FLAG DELAY
While the 7 ms (typical) internal delay in reporting flag con-
ditions is adequate for most applications, the delay can be
extended by connecting external RC filters to the FLAG pins,
as shown in Figure 5.
POWER DISSIPATION AND JUNCTION TEMPERATURE
A few simple calculations will allow a designer to calculate
the approximate operating temperature of the LM3544 for a
given application. The large currents possible through the
low resistance power MOSFET combined with the high ther-
mal resistance of the SOIC package, in relation to power
packages, make this estimate an important design step.
Begin the estimate by determining R
ON at the expected
operating temperature using the graphs in the Typical Per-
formance Characteristics section of this datasheet. Next,
calculate the power dissipation through the switch with
Equation (1).
PD=R
ON *IDS
2
(1)
Note: Equation for power dissipation neglects portion that
comes from LM3544 quiescent current because this value
will almost always be insignificant.
Using this figure, determine the junction temperature with
Equation (2).
T
J =PD*
θ
JA +TA.
(2)
Where:
θ
JA = SOIC Thermal Resistance: 130˚C/W and TA = Ambient
Temperature (˚C).
Compare the calculated temperature with the expected tem-
perature used to estimate R
ON. If they do not reasonably
match, re-estimate R
ON using a more appropriate operating
temperature and repeat the calculations. Reiterate as nec-
essary.
PCB LAYOUT CONSIDERATIONS
In order to meet the USB requirements for voltage drop,
droop and EMI, each component used in this circuit must be
evaluated for its contribution to the circuit performance.
These principles are illustrated in Figure 6. The following
PCB layout rules and guidelines are recommended
1.
Place the switch as close to the USB connector as
possible. Keep all V
bus traces as short as possible and
use at least 50-mil, 1 ounce copper for all V
bus traces.
Solder plating the traces will reduce the trace resistance.
2.
Avoid vias as much as possible. If vias are used, use
multiple vias in parallel and/or make them as large as
possible.
3.
Place the output capacitor and ferrite beads as close to
the USB connector as possible.
4.
If ferrite beads are used, use wires with minimum resis-
tance and large solder pads to minimize connection
resistance.
10120828
FIGURE 5. Typical Circuit for Lengthening the Internal
Flag Delay
10120827
FIGURE 6. Self-Powered Hub Connections and Per-Port Voltage Drop
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com