Electronic Components Datasheet Search
  English  ▼

X  

LM3550 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3550_13 Datasheet HTML 17Page - Texas Instruments LM3550_13 Datasheet HTML 18Page - Texas Instruments LM3550_13 Datasheet HTML 19Page - Texas Instruments LM3550_13 Datasheet HTML 20Page - Texas Instruments LM3550_13 Datasheet HTML 21Page - Texas Instruments LM3550_13 Datasheet HTML 22Page - Texas Instruments LM3550_13 Datasheet HTML 23Page - Texas Instruments LM3550_13 Datasheet HTML 24Page - Texas Instruments LM3550_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
1
bit6
F2
bit5
1
bit7
F1
bit4
F0
bit3
T2
bit2
T1
bit1
T0
bit0
MSB
LSB
Current Control Register
Register Address: 0xA0
IND EN
bit7
A/T EN
bit6
FGATE
bit5
CM1
bit4
CM0
bit3
FLASH
bit2
CHARGE
bit1
TORCH
bit0
MSB
LSB
General Purpose Register
Register Address: 0x10
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
General Purpose Register Description
FLASH, CHARGE, and TORCH: Mode Bits (see Table 1 below).
CM0–CM1: Capacitor Charge Mode (see Table 2 below).
FGATE: Flash Gate Bit. If FGATE is a ‘0’, then an end-of-charge condition must occur before a flash can take
place. If FGATE is a ‘1’, then an end-of-charge condition does not have to occur before a flash can take place.
A/T EN: ALD/TEMP Enable Bit
IND EN: Enable Indicator Current Source ('0' = Indicator Off, '1' = Indicator On)
Table 1. Control Modes
Flash
Charge
Torch
Mode
0
0
0
Disabled
0
0
1
Torch
0
1
0
Charge
0
1
1
Charge and Torch
1
x
x
Flash
Table 2. Capacitor Charge Level
CM1
CM0
Level
0
0
Optimal Charge Mode
0
1
4.5
1
0
5.0V
1
1
5.3V
Table 3. Gated Flash Control
FGATE Bit
Result
0
Flash only allowed after EOC reached
1
Flash allowed without EOC reached
Table 4. ALD/TEMP Control
A/T EN Bit
Result
0
ALD MODE DISABLED
1
ALD MODE ENABLED
Current Control Register Description
Table 5. Torch Level Table
T2
T1
T0
Level
0
0
0
60 mA
0
0
1
80 mA
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com