Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  Synchronous Boost Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3555 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments LM3555 Datasheet HTML 15Page - Texas Instruments LM3555 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
IIN
(1A/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(100 mA/DIV)
Time
(200 Ps/DIV)
IIN
(500 mA/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(20 mA/DIV)
Time
(80 Ps/DIV)
IIN
(200 mA/DIV)
ILED
(100 mA/DIV)
Time
(100 Ps/DIV)
IIN
(1A/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(100 mA/DIV)
Time
(200 Ps/DIV)
IIN
(500 mA/DIV)
ILED
(200 mA/DIV)
Time
(100 Ps/DIV)
VLED
(2V/DIV)
VOUT
(2V/DIV)
IIN
(500 mA/DIV.)
ILED
(200 mA/DIV)
Time
(800 Ps/DIV)
VLED
(2V/DIV)
VOUT
(2V/DIV)
12
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
Two LEDs
I2C Mode
Figure 25. Start-Up
Two LEDs
I2C Mode
Figure 26. Ramp-Down
Two LEDs
I2C Mode
Figure 27. Ramp-Down (Zoom)
Two LEDs
Simple Mode
Figure 28. Start-up
Two LEDs
Simple Mode
Figure 29. Ramp-Down
Two LEDs
Torch
Figure 30. Diode Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com