Electronic Components Datasheet Search
  English  ▼

X  

LM3699 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3699
Description  High-Efficiency White LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3699 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3699 Datasheet HTML 9Page - Texas Instruments LM3699 Datasheet HTML 10Page - Texas Instruments LM3699 Datasheet HTML 11Page - Texas Instruments LM3699 Datasheet HTML 12Page - Texas Instruments LM3699 Datasheet HTML 13Page - Texas Instruments LM3699 Datasheet HTML 14Page - Texas Instruments LM3699 Datasheet HTML 15Page - Texas Instruments LM3699 Datasheet HTML 16Page - Texas Instruments LM3699 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0.50
0.70
0.90
1.10
1.30
1.50
1.70
VIN (V)
C001
85°C
-40°C
25°C
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
VIN (V)
C001
-40°C
85°C
25°C
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
0
12
24
36
48
60
ILED (mA)
3s3p
4s3p
5s3p
6s3p
C004
C004
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
0
12
24
36
48
60
ILED (mA)
3s3p
4s3p
5s3p
6s3p
C003
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
3s3p
4s3p
5s3p
6s3p
C013
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
3s3p
4s3p
5s3p
6s3p
C012
LM3699
www.ti.com
SNVS821A – JANUARY 2014 – REVISED MARCH 2014
8.2.3 Application Performance Plots
VIN = 3.6 V, LEDs are WLEDs part # SML-312WBCW(A), Typical Application Circuit with L = TDK (VLF302512, 10 µH, 22 µH
where specified), Schottky = On-Semi (NSR0240V2T1G), TA = 25°C unless otherwise specified. Efficiency is given as (VOUT ×
(IHVLED1 + IHVLED2+ IHVLED3))/(VIN × IIN), matching curves are given as (ΔILED_MAX/ILED_AVE).
L = 22 µH
20 mA/String
L = 10 µH
20 mA/String
Figure 9. Boost Efficiency vs VIN
Figure 10. Boost Efficiency vs VIN
Figure 11. LED Efficiency vs ILED
Figure 12. LED Efficiency vs ILED
Figure 13. Shutdown Current vs VIN
Figure 14. Open Loop Current Limit vs VIN
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com