Electronic Components Datasheet Search
  English  ▼

X  

MAX3071E Datasheet(PDF) 21 Page - Texas Instruments

Part # MAX3071E
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3071E Datasheet(HTML) 21 Page - Texas Instruments

Back Button MAX3071E Datasheet HTML 17Page - Texas Instruments MAX3071E Datasheet HTML 18Page - Texas Instruments MAX3071E Datasheet HTML 19Page - Texas Instruments MAX3071E Datasheet HTML 20Page - Texas Instruments MAX3071E Datasheet HTML 21Page - Texas Instruments MAX3071E Datasheet HTML 22Page - Texas Instruments MAX3071E Datasheet HTML 23Page - Texas Instruments MAX3071E Datasheet HTML 24Page - Texas Instruments MAX3071E Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
www.ti.com
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
9.4 Device Functional Modes
Table 3-Table 6 list the functional modes of the S65HVDxx Devices.
Table 3. SN65HVD33, SN65HVD34, SN65HVD35 Driver
INPUTS
OUTPUTS
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L or open
Z
Z
Open
H
L
H
Table 4. SN65HVD33, SN65HVD34, SN65HVD35
Receiver
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
VID = V(A) – V(B)
RE
R
VID ≤ –0.2 V
L
L
–0.2 V < VID < –0.02 V
L
—
–0.02 V
≤ VID
L
H
X
H or open
Z
Open Circuit
L
H
Idle circuit
L
H
Short Circuit, V(A) = V(B)
L
H
Table 5. SN65HVD30, SN65HVD31, SN65HVD32 Driver
OUTPUTS
INPUT
D
Y
Z
H
H
L
L
L
H
Open
L
H
Table 6. SN65HVD30, SN65HVD31, SN65HVD32
Receiver
DIFFERENTIAL INPUTS
OUTPUT
VID = V(A) – V(B)
R
VID ≤ –0.2 V
L
–0.02 V
≤ VID
H
Open Circuit
H
Idle circuit
H
Short Circuit, V(A) = V(B)
H
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com