Electronic Components Datasheet Search
  English  ▼

X  

IXYY8N90C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYY8N90C3
Description  900V XPTTM IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYY8N90C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYY8N90C3 Datasheet HTML 1Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 2Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 3Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 4Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 5Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYY8N90C3
IXYP8N90C3
IXYS REF: IXY_8N90C3(1D) 10-20-11
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
8
9
10
11
12
13
14
15
16
IC - Amperes
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
t r i
td(on) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
TJ = 25ºC
TJ = 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
10
20
30
40
50
60
70
80
25
50
75
100
125
TJ - Degrees Centigrade
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
t r i
td(on) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
I C = 16A
I C = 8A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
30
60
90
120
150
180
210
240
270
300
RG - Ohms
0
20
40
60
80
100
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 450V
I C = 8A
I C = 16A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com