Electronic Components Datasheet Search
  English  ▼

X  

IXYP8N90C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYP8N90C3
Description  900V XPTTM IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP8N90C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYP8N90C3 Datasheet HTML 1Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 2Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 3Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 4Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 5Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYY8N90C3
IXYP8N90C3
V
CES
= 900V
I
C110
= 8A
V
CE(sat) 



 3.0V
t
fi(typ)
= 130ns
DS100399B(12/14)
High-Speed IGBT
for 20-50 kHz Switching
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
950
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
10
A
T
J = 150C
150 μA
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 8A, V
GE = 15V, Note 1
2.15
3.00
V
T
J = 150C
2.75
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
900
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
20
A
I
C110
T
C = 110°C
8
A
I
CM
T
C = 25°C, 1ms
48
A
I
A
T
C = 25°C
4
A
E
AS
T
C = 25°C
15
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 30
I
CM = 16
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C = 25°C
125
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13/10
Nm/lb.in.
Weight
TO-252
0.35
g
TO-220
3.00
g
Features
Optimized for Low Switching Losses
Square RBSOA
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
900V XPTTM IGBT
GenX3TM
G = Gate
C
= Collector
E = Emitter
Tab = Collector
G
C E
TO-220 (IXYP)
C (Tab)
TO-252 (IXYY)
G
E
C (Tab)


Similar Part No. - IXYP8N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP8N90C3 IXYS-IXYP8N90C3 Datasheet
178Kb / 6P
900V XPTTM IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
More results

Similar Description - IXYP8N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
XPTTM 600V IGBT
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
XPTTM 600V IGBT
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
XPTTM 900V IGBT
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
IXYP8N90C3 IXYS-IXYP8N90C3 Datasheet
178Kb / 6P
900V XPTTM IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
900V XPTTM IGBT
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
XPTTM 900V IGBT
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com