Electronic Components Datasheet Search
  English  ▼

X  

UPD014A Datasheet(PDF) 1 Page - CTS Corporation

Part # UPD014A
Description  Universal-footprint Pico Cell Duplexers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

UPD014A Datasheet(HTML) 1 Page - CTS Corporation

  UPD014A Datasheet HTML 1Page - CTS Corporation UPD014A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTS Electronic Components introduces the new high-reliability,
surface-mounted ceramic filters that delivers the isolation and
rejection required for ≤0.5W at Antenna carrier-grade Pico Cells
and remote radio heads including applications needing multi-
band co-location and linearized PAs.
Product family offers versions for all of the major frequency
bands while sharing a common PCB layout enabling a platform
solution.
UPD: Universal-footprint Pico Cell Duplexers
Carrier-grade pico-cell performance without compromises
Model
Freq
Band#
DL
Freq
Range
[MHz]
UL
Freq
Range
[MHz]
UPD001A
1
2110 - 2170
1920 - 1980
UPD002A
2
1930-1990
1850 - 1910
UPD003A
3
1805 - 1880
1710 - 1785
UPD004A
4
2110 - 2155
1710 - 1755
UPD005A
5
869 - 894
824 - 849
UPD007A
7
2620 - 2690
2500 - 2570
UPD008A
8
925 - 960
880 - 915
UPD010A
4
10
2110 - 2180
1710 - 1780
UPD012A
12
17
728- 746
698 - 716
UPD013A
13
746- 756
777 - 787
UPD014A
14
758- 768
788 - 798
UPD020A
20
791 - 821
832 - 862
UPD025A
2
25
1930-1995
1850 - 1915
UPD026A
5
26
859 - 894
814 - 849
UPD027A
27
851 - 869
806 - 824
UPD028A
28
758 - 803
703 - 748
UPD030A
30
2350 -2360
2305-2315
Insertion Loss
(5MHz avg)
< 3.0 dB
Uplink
Atten
63 dB typ
61 dB min
Downlink
Atten
57 dB typ
55 dB min
Return
Loss
> 12.0 dB
Input Power
Rating
1.5W Avg
15W Peak
Size (L x W x H)
(incl shield)
44.2 x <20.0 x 6.5mm
Max
Weight
<18 g
Temperature
Range
-40°C to +85°C


Similar Part No. - UPD014A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
UPD120N15T1B NEC-UPD120N15T1B Datasheet
157Kb / 15P
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120N15T1B RENESAS-UPD120N15T1B Datasheet
323Kb / 15P
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD014A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
Antenna Duplexers
logo
Panasonic Semiconductor
EFSD836MJ1 PANASONIC-EFSD836MJ1 Datasheet
72Kb / 3P
SAW Devices(SAW Duplexers)
logo
CTS Corporation
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
Universal-footprint Metro Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
Universal-footprint Small Cell Duplexers
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7103 AVAGO-ACFM-7103 Datasheet
1Mb / 20P
Single Antenna connection for PCS and Cell band duplexers
logo
Taiyo Yuden (U.S.A.), I...
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
FBAR/SAW Devices (SAW Duplexers)
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
FBAR/SAW Devices (FBAR Duplexers)
logo
List of Unclassifed Man...
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
Universal Button Cell Battery Volt Tester Checker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com