Electronic Components Datasheet Search
  English  ▼

X  

SS1101EUA Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS1101EUA
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1101EUA Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS1101EUA Datasheet HTML 1Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 2Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 3Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 4Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 5Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 6Page - SEC Electronics Inc. SS1101EUA Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SS1101
Unipolar Hall Switch-Low Sensitivity
5
V3.10
Nov 1, 2013
Application Information
For proper operation, a 100nF bypass capacitor should be placed as close as possible to the device between the
VDD and ground pin.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1(≈50mA)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1
∙I
DD)
- the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC
2/ R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (≈0.7V).
Therefore, a 100
Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Typical Three-Wire Application Circuit
When a weak power supply is used or when the device is intended to be used in noisy environment, it is recom-
mended that figure followed is used.
The low-pass filter formed by R1 and C1 and the Zener diode Z1 bypass the disturbances or voltage spikes occur-
ring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection.
Both solutions provide the required reverse voltage protection.
Automotive and Harsh, Noisy Environments Three-Wire Circuit
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com