Electronic Components Datasheet Search
  English  ▼

X  

SS1101KSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1101KSOT
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1101KSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1101KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1101KSOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS1101
Unipolar Hall Switch-Low Sensitivity
2
V3.10
Nov 1, 2013
General
Description
The SS1101 is a unipolar Hall-effect sensor IC fab-
ricated from CMOS technology. The device inte-
grates a voltage regulator, Hall sensor with dy-
namic offset cancellation system, small signal am-
plifier, Schmitt trigger and an open-drain output
driver. With suitable output pull up, they can be
used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrat-
ed circuits with tighter magnetic specifications, de-
signed to operate continuously over extended tem-
peratures to +150°C,and are more stable with
both temperature and supply voltage changes. The
unipolar switching characteristic makes these de-
vices ideal for use with a simple bar or rod magnet.
Thanks to its wide operating voltage range and ex-
tended choice of temperature range, it is quite suit-
able for use in automotive, industrial and consumer
applications.
The device is delivered in a Small Outline Tran-
sistor (SOT) or in a Plastic Single In Line (SIP 3L
flat). Both 3-lead packages are RoHS compliat.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com