Electronic Components Datasheet Search
  English  ▼

X  

SS1438KSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1438KSOT
Description  Unipolar Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1438KSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1438KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS1438
Unipolar Hall Switch
2
V3.10
Nov 1, 2013
General Description
The SS1438 is a unipolar Hall effect sensor IC fab-
ricated from mixed signal CMOS technology. The
device integrates a voltage regulator, Hall sensor
with dynamic offset cancellation system, Schmitt
trigger and an open-drain output driver, all in a sin-
gle package.
It incorporates advanced chopper stabilization tech-
niques to provide accurate and stable magnetic
switch points. There are many applications for this
HED – Hall Electronic Device - in addition to those
listed above. Thanks to its wide operating voltage
range and extended choice of temperature range, it
is quite suitable for use in automotive, industrial
and consumer applications.
The device is delivered in a Small Outline Transis-
tor (SOT) for surface mount process or in a Plastic
Single In Line (SIP flat) for through- hole mount.
Both 3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com