Electronic Components Datasheet Search
  English  ▼

X  

LM4849 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4849
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4849 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4849 Datasheet HTML 11Page - National Semiconductor (TI) LM4849 Datasheet HTML 12Page - National Semiconductor (TI) LM4849 Datasheet HTML 13Page - National Semiconductor (TI) LM4849 Datasheet HTML 14Page - National Semiconductor (TI) LM4849 Datasheet HTML 15Page - National Semiconductor (TI) LM4849 Datasheet HTML 16Page - National Semiconductor (TI) LM4849 Datasheet HTML 17Page - National Semiconductor (TI) LM4849 Datasheet HTML 18Page - National Semiconductor (TI) LM4849 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, the input coupling capacitor using Equation
(7), is 0.063µF. The 0.33µF input coupling capacitor shown
in Figure 1 allows the LM4849 to drive high efficiency, full
range speaker whose response extends below 30Hz.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4849 contains circuitry that minimizes turn-on and
shutdown transients or “clicks and pops”. For this discus-
sion, turn-on refers to either applying the power supply volt-
age or when the shutdown mode is deactivated. While the
power supply is ramping to its final value, the LM4849’s
internal amplifiers are configured as unity gain buffers. An
internal current source changes the voltage of the BYPASS
pin in a controlled, linear manner. Ideally, the input and
outputs track the voltage applied to the BYPASS pin. The
gain of the internal amplifiers remains unity until the voltage
on the bypass pin reaches 1/2 V
DD . As soon as the voltage
on the bypass pin is stable, the device becomes fully opera-
tional. Although the BYPASS pin current cannot be modified,
changing the size of C
Bypass alters the device’s turn-on time
and the magnitude of “clicks and pops”. Increasing the value
of C
Bypass reduces the magnitude of turn-on pops. However,
this presents a tradeoff: as the size of C
Bypass increases, the
turn-on time increases. There is a linear relationship be-
tween the size of C
Bypass and the turn-on time. Here are
some typical turn-on times for various values of C
Bypass:
C
Bypass
T
ON
0.01µF
2ms
0.1µF
20ms
0.22µF
44ms
0.47µF
94ms
1.0µF
200ms
RIGHT AND LEFT LINE OUT
Applications such as notebook computers can take advan-
tage of a line output signal to connect to external devices
such as monitors or audio/visual equipment that sends or
receives line level signals. The LM4849 has two outputs
which connect to the outputs of the internal input amplifiers
that drive the volume control inputs. These input amplifiers
can drive loads of >1k
Ω (such as powered speakers) with a
rail-to-rail signal. Since the output signal present on the
RIGHT Line Out and LEFT Line Out pins is biased to V
DD/2,
coupling capacitors need to be connected in series with the
load. Typical values for the coupling capacitors are 0.33µF to
1.0µF. If polarized coupling capacitors are used, connect
their "+" terminals to the respective output pin.
Since the Line Out outputs precede the internal volume
control, the signal amplitude will be equal to the input sig-
nal’s magnitude and cannot be adjusted. However, the input
amplifier’s closed-loop gain can be adjusted using external
resistors. These 20K resistors are shown in Figure 1 (R1 -
R8 ) and they set each input amplifier’s gain to -1. Use
Equation 8 to determine the input and feedback resistor
values for a desired gain.
-A
v =R2 /R3
(8)
Adjusting the input amplifier’s gain sets the minimum gain for
that channel. Although the single ended outputs of the
Bridge Output Amplifiers can be used to drive line level
outputs, it is recommended that the Right & Left Line Out-
puts simpler signal path be used for better performance.
STEREO-INPUT MULTIPLEXER (STEREO MUX)
The LM4849 has two stereo inputs. The MUX CONTROL pin
controls which stereo input is active. Applying 0V to the MUX
CONTROL pin selects stereo input 1. Applying V
DD to the
MUX CONTROL pin selects stereo input 2.
MICRO-POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4849’s shutdown function. Activate micro-power shut-
down by applying V
DD to the SHUTDOWN pin. When active,
the LM4849’s micro-power shutdown feature turns off the
amplifier’s bias circuitry, reducing the supply current. The
logic threshold is typically V
DD/2. The low 0.7 µA typical
shutdown current is achieved by applying a voltage that is as
near as V
DD as possible, to the SHUTDOWN pin. A voltage
that is less than V
DD may increase the shutdown current.
The Logic Level Truth Table shows the logic signal levels
that activate and deactivate micro-power shutdown and
headphone amplifier operation.
There are a few ways to control the micro-power shutdown.
These include using a single-pole, single-throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external 10k
Ω pull-up resistor between the
SHUTDOWN pin and V
DD. Connect the switch between the
SHUTDOWN pin and ground. Select normal amplifier opera-
tion by closing the switch. Opening the switch connects the
SHUTDOWN pin to V
DD through the pull-up resistor, activat-
ing micro-power shutdown. The switch and resistor guaran-
tee that the SHUTDOWN pin will not float. This prevents
unwanted state changes. In a system with a microprocessor
or a microcontroller, use a digital output to apply the control
voltage to the SHUTDOWN pin. Driving the SHUTDOWN pin
with active circuitry eliminates the need for a pull up resistor.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com