Electronic Components Datasheet Search
  English  ▼

X  

MAX9812 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # MAX9812
Description  Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

MAX9812 Datasheet(HTML) 2 Page - Dallas Semiconductor

  MAX9812 Datasheet HTML 1Page - Dallas Semiconductor MAX9812 Datasheet HTML 2Page - Dallas Semiconductor MAX9812 Datasheet HTML 3Page - Dallas Semiconductor MAX9812 Datasheet HTML 4Page - Dallas Semiconductor MAX9812 Datasheet HTML 5Page - Dallas Semiconductor MAX9812 Datasheet HTML 6Page - Dallas Semiconductor MAX9812 Datasheet HTML 7Page - Dallas Semiconductor MAX9812 Datasheet HTML 8Page - Dallas Semiconductor MAX9812 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain
Microphone Amplifiers with Integrated Bias
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, IBIAS = 500µA (MAX9812L/MAX9813L), VCC = 5V, IBIAS = 800µA (MAX9812H/MAX9813H), GND = 0V, RL = open,
SHDN = VCC, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND)
VCC ........................................................................-0.3V to +6.0V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Continuous Current (IN, SHDN, IN1, IN2, IN1/IN2)...........
±20mA
OUT, BIAS Short-Circuit Duration (to GND or VCC) ...Continuous
Continuous Power Dissipation (TA = +70
°C)
6-Pin SC70 (derate 3.1mW/
°C above +70°C)..............245mW
8-Pin SOT23 (derate 8.9mw/
°C above +70°C) ............714mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Junction Temperature ......................................................+150
°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
MAX9812L/MAX9813L
2.7
3.6
Supply Voltage Range
VCC
MAX9812H/MAX9813H
Inferred from
PSRR test
4.5
5.5
V
Supply Current
ICC
IBIAS = 0
230
400
µA
Shutdown Supply Current
ICC_SHDN
SHDN = GND
0.1
1
µA
MAX9812L/MAX9813L
1.35
1.5
1.65
Amplifier Output Bias Voltage
VOUT_DC
MAX9812H/MAX9813H
2.25
2.5
2.75
V
Input Resistance
RIN
85
k
Ω
Voltage Gain
AV
19
20
21
dB
DC
90
100
f = 217Hz
100
f = 1kHz
100
Power-Supply Rejection Ratio
PSRROUT
Input referred, TA = +25°C
f = 10kHz
90
dB
RL = 10k
Ω to VCC/2
VCC -
0.1
VOH
RL = 1k
Ω to VCC/2
VCC -
0.25V
VCC -
0.1V
RL = 10k
Ω to VCC/2
0.1
Output Voltage Swing
VOL
RL = 1k
Ω to VCC/2
0.1
0.25
V
Output Short-Circuit Current
IOUT_SC
Sinking or sourcing
3
12
24
mA
Small-Signal -3dB Bandwidth
BW
VOUT = 10mVP-P
400
kHz
Output Capacitive-Load Stability
CL
No sustained oscillations
50
pF
Output Impedance
ZOUT
f = 1kHz
0.5
Ω
Output Slew Rate
SR
VOUT = 1V step
1
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com