Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT573DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ACT573DBLE
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT573DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT573DBLE Datasheet HTML 1Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 2Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 3Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 4Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 5Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 6Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 7Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 8Page - Texas Instruments SN74ACT573DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN54ACT573, SN74ACT573
OCTAL D-TYPE TRANSPARENT LATCHES
WITH 3-STATE OUTPUTS
SCAS538D − OCTOBER 1995 − REVISED OCTOBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54ACT573
SN74ACT573
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
2.5
6
10.5
1.5
13.5
2
12
ns
tPHL
D
Q
2.5
6
10.5
1.5
13.5
2
12
ns
tPLH
LE
Q
3
6
10.5
1.5
13
2.5
12
ns
tPHL
LE
Q
2.5
5.5
9.5
1.5
12
2
10.5
ns
tPZH
OE
Q
2
5.5
10
1.5
11.5
1.5
11
ns
tPZL
OE
Q
1.5
5.5
9.5
1.5
11
1.5
10.5
ns
tPHZ
OE
Q
2.5
6.5
11
1.5
13.5
1.5
12.5
ns
tPLZ
OE
Q
1.5
5
8.5
1.5
10.5
1
9.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com