Electronic Components Datasheet Search
  English  ▼

X  

MCP809 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MCP809
Description  3-Pin Microprocessor Reset Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MCP809 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MCP809 Datasheet HTML 1Page - National Semiconductor (TI) MCP809 Datasheet HTML 2Page - National Semiconductor (TI) MCP809 Datasheet HTML 3Page - National Semiconductor (TI) MCP809 Datasheet HTML 4Page - National Semiconductor (TI) MCP809 Datasheet HTML 5Page - National Semiconductor (TI) MCP809 Datasheet HTML 6Page - National Semiconductor (TI) MCP809 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics (Continued)
V
CC = full range, TA = −40˚C to +105˚C, unless otherwise noted. Typical values are at TA = +25˚C, VCC = 5V for
4.63/4.38/4.00 versions, V
CC = 3.3V for 3.08/2.93 versions, and VCC = 3V for 2.63 version. (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OL
RESET Output Voltage Low
(MCP809)
V
CC =VTH min, ISINK = 1.2mA,
MCP809-2.63/2.93/3.08
0.3
V
V
CC =VTH min, ISINK = 3.2mA,
MCP809-4.63/4.38/4.00
0.4
V
CC > 1.0V, ISINK = 50µA
0.3
V
OH
RESET Output Voltage High
(MCP809)
V
CC > VTH max, ISOURCE = 500µA,
MCP809-2.63/2.93/3.08
0.8V
CC
V
V
CC > VTH max, ISOURCE = 800µA,
MCP809-4.63/4.38/4.00
V
CC−1.5
V
OL
RESET Output Voltage Low
(MCP810)
V
CC =VTH max, ISINK = 1.2mA,
MCP810-2.63/2.93/3.08
0.3
V
V
CC =VTH max, ISINK = 3.2mA,
MCP810-4.63/4.38/4.00
0.4
V
OH
RESET Output Voltage High
(MCP810)
1.8V < V
CC < VTH min, ISOURCE = 150µA
0.8V
CC
V
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which the device operates
correctly. Operating ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Production testing done at TA = +25˚C, over temperature limits guaranteed by design only.
Note 4: At elevated temperatures, devices must be derated based on package thermal resistance. The device in the SOT23-3 package must be derated at 4mW/˚C
at ambient temperatures above 70˚C. The device has internal thermal protection.
Note 5: RESET Output for MCP809, RESET output for MCP810.
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com