Electronic Components Datasheet Search
  English  ▼

X  

DP84902 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84902
Description  1,7 Encoder/Decoder Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84902 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP84902 Datasheet HTML 3Page - National Semiconductor (TI) DP84902 Datasheet HTML 4Page - National Semiconductor (TI) DP84902 Datasheet HTML 5Page - National Semiconductor (TI) DP84902 Datasheet HTML 6Page - National Semiconductor (TI) DP84902 Datasheet HTML 7Page - National Semiconductor (TI) DP84902 Datasheet HTML 8Page - National Semiconductor (TI) DP84902 Datasheet HTML 9Page - National Semiconductor (TI) DP84902 Datasheet HTML 10Page - National Semiconductor (TI) DP84902 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AC Electrical CharacteristicsWrite Mode are guaranteed over operating conditions (see table)
unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
(Note 1)
tSU(NRZIO(01))
NRZIO(01) Setup Time wrt WCLK
8
ns
(Note A)
(positive edge) (see
Figures 5 and 8 ) (Note 3)
tH(NRZIO(01))
NRZIO(01) Hold Time wrt WCLK
5
ns
(Note A)
(positive edge) (see
Figures 5 and 8 ) (Note 3)
tPD1
Propagation Delay of Encoder
Precomp
WCLK
WCLK (positive edge) to CODEOUT
Enabled
5
PERIODS
(Note B)
(positive edge) (Note 2) (see
Figures 5 and 7 )
tPD2
Propagation Delay of Encoder
Precomp
WCLK
WCLK (positive edge) to CODEOUT
Disabled
4
PERIODS
(Note B)
(positive edge) (Note 2) (see
Figures 5 and 7 )
tPD3
Propagation Delay of Encoder WG
Precomp
SYNCCLK
(positive edge) to First Valid CODE-
Enabled
19
PERIODS
(Note B)
OUT Output (see
Figures 5 and 7 )
tPD4
Propagation Delay of Encoder WG
Precomp
SYNCCLK
(positive edge) to First Valid CODE-
Disabled
14
PERIODS
(Note B)
OUT Output (see
Figures 5 and 7 )
tSU(EARLY)
EARLY Setup Time wrt CODE-
OUT (positive edge) or CODEOUT
6
ns
(Note A)
(negative edge) (see
Figures 5 and 8 )
tH(EARLY)
EARLY Hold Time wrt CODEOUT
(positive edge) or CODEOUT (negative
6
ns
(Note A)
edge) (see
Figures 5 and 8 )
tSU(LATE)
LATE Setup Time wrt CODEOUT
(positive edge) or CODEOUT (negative
6
ns
(Note A)
edge) (see
Figures 5 and 8 )
tH(LATE)
LATE Hold Time wrt CODEOUT
(positive edge) or CODEOUT (nega-
6
ns
(Note A)
tive edge) (see
Figures 5 and 8 )
tPW(WCLK)
WCLK Pulse Width (High or Low)
10
ns
(Note A)
(see
Figures 5 and 9 )
Note 1
Typical values are specified at 25 C and 5V supply
Note 2
A WCLK period is twice the NRZ rate period since a 2-bit interface is used
Note 3
This specification is valid for either internal or external WCLK mode of operation
Note A
This parameter is guaranteed by outgoing testing
Note B
This specification is provided for information only
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com