Electronic Components Datasheet Search
  English  ▼

X  

31 Datasheet(PDF) 2 Page - DDK Ltd.

Part # 31
Description  BNC (Isolated) Style Connector (Panel Mounting Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

31 Datasheet(HTML) 2 Page - DDK Ltd.

  31 Datasheet HTML 1Page - DDK Ltd. 31 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.ddknet.co.jp
31 Series
Unit : mm
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
2
31-10-CF
31-10-CAu-CF
31-10T-D2
Round Pin Contact
Tuning fork Contact
(Low-cost Type:Press Contact)
12.7
(Hex Dia.)
3.1
(30)
21.9
10.8
1.2
12.7
(Hex Dia.)
3.1
φ9.5
+0.2
0
(30)
21.9
10.8
1.2
3 8-24UNF
3 8-24UNF
12.7
(Hex Dia.)
3.1
(30)
21.9
10.8
1.2
12.7
(Hex Dia.)
3.1
φ9.5
+0.2
0
(30)
21.9
10.8
1.2
3 8-24UNF
3 8-24UNF
12.7
(Hex Dia.)
3.1
(30)
21.9
10.8
1.2
12.7
(Hex Dia.)
3.1
φ9.5
+0.2
0
(30)
21.9
10.8
1.2
3 8-24UNF
3 8-24UNF
(Note)When mounting this connector as above, the stud pins are located up and below.
Panel Thickness:4.3mm max.
Panel Thickness:4.3mm max.
Part Number
Contact
Outer
Conductoor
31-10-CF
Ag Plating Ni Plating
31-10-CAu-CF
Au Plating Ni Plating
Part Number 
Contact
Outer
Conductor
31-10T-D2
Ag Plating Ni Plating
○ BNC Style Receptacle
Panel Mounting Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com