Electronic Components Datasheet Search
  English  ▼

X  

BMB Datasheet(PDF) 1 Page - DDK Ltd.

Part # BMB
Description  Compact Bayonet Lock Coaxial Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BMB Datasheet(HTML) 1 Page - DDK Ltd.

  BMB Datasheet HTML 1Page - DDK Ltd. BMB Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Compact Bayonet Lock Coaxial Connector
BMB Series
RoHS
Compliant
RoHS
Compliant
 Item
Material / Finish
Center Conductor
Copper Alloy
/ Au Plating
Outer Conductor
Copper Alloy
/ Ni Plating
Insulator
PTFE
130520
1.5
1.4
1.3
1.2
1.1
1.0
0
0.5 1.0 1.5  2.0 2.5  3.0 3.5  4.0  4.5 5.0  5.5 6.0
F r e q u e n c y 【 G H z 】
V.S.W.R.(PatchcodeL=300mm)
Material/Finish
SPECIFICATIONS
APPLICATIONS
・Wiress Base Station, Telecom Equipment, Measuring Equipment
・Downsize a BNC connector and it is the size equal to SMA connectors.
・Apploximately 50% of space-saving in comparison with BNC connector.
・Locking type is Bayonet locking like BNC connector.
・Because of Bayonet locking, torque management is not necessary
and easier mating/unmating than SMA connector.
FEATURE
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1000V AC(r.m.s.) / 1 minute
Insulation Resistance
1000M Ω Mim. at 500V DC
Contact Resistance
Contact : 3m Ω max.
V.S.W.R.
1.2 max. at DC to 3GHz
1.3 max. at DC to 6GHz
Operating Temperature
−40 to +85℃
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
Frequency
Range
DC to 6GHz
50 Ω
Characteristic
Impedance
Lock Type
Bayonet


Similar Part No. - BMB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
BMB-1E-0010P-N8 TEC-BMB-1E-0010P-N8 Datasheet
585Kb / 7P
Multilayer Ferrite Beads
logo
Tyco Electronics
BMB-1E-0030A-N2 MACOM-BMB-1E-0030A-N2 Datasheet
666Kb / 4P
Multilayer Ferrite Beads
logo
TE Connectivity Ltd
BMB-1E-0030A-N2 TEC-BMB-1E-0030A-N2 Datasheet
671Kb / 4P
Effective EMI Protection
06/2011
BMB-1E-0030A-N8 TEC-BMB-1E-0030A-N8 Datasheet
755Kb / 8P
Multilayer Ferrite Beads
05/2015
BMB-1E-0060A-N8 TEC-BMB-1E-0060A-N8 Datasheet
755Kb / 8P
Multilayer Ferrite Beads
05/2015
More results

Similar Description - BMB

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
Bayonet-Lock Type Single-Conductor Optical Connector
logo
Hirose Electric
HR34B-12WPA-10S-X HIROSE-HR34B-12WPA-10S-X Datasheet
496Kb / 10P
Push-on Bayonet Lock Miniature Waterproof Connector
logo
DDK Ltd.
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
PSH DDK-PSH Datasheet
838Kb / 5P
Compact Coaxial Connector
PSH2 DDK-PSH2 Datasheet
577Kb / 5P
Compact Coaxial Connector
logo
Hirose Electric
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
Waterproof Bayonet Lock Connector for Power Supply
logo
DDK Ltd.
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
Compact Bayonet Lock Coaxial Connector
PSH2-SR-PS-1000 DDK-PSH2-SR-PS-1000 Datasheet
577Kb / 5P
Compact Coaxial Connector
logo
Hirose Electric
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
Small, Waterproof, Push-On Bayonet Lock Connectors
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
Push-on Bayonet Lock Miniature Waterproof Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com